Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS281 Datasheet(PDF) 13 Page - Dynex Semiconductor

Part # MAS281
Description  MIL-STD-1750A Microprocessor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS281 Datasheet(HTML) 13 Page - Dynex Semiconductor

Back Button MAS281 Datasheet HTML 9Page - Dynex Semiconductor MAS281 Datasheet HTML 10Page - Dynex Semiconductor MAS281 Datasheet HTML 11Page - Dynex Semiconductor MAS281 Datasheet HTML 12Page - Dynex Semiconductor MAS281 Datasheet HTML 13Page - Dynex Semiconductor MAS281 Datasheet HTML 14Page - Dynex Semiconductor MAS281 Datasheet HTML 15Page - Dynex Semiconductor MAS281 Datasheet HTML 16Page - Dynex Semiconductor MAS281 Datasheet HTML 17Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
MAS281
13/55
which is decoded by the MAS281 but is treated, in some ways,
like an externally implemented XIO command. This exception
is discussed below.
Internal l/O transfers involve all XIO commands which are
decoded internally either by the MAS281 or by the MA31751
MMU/BPU chip (with the exception noted above). Table 7b
identifies these commands. The A, Dl and DO registers are
used as in operand transfers. Internal l/O transfers are
characterised by DDN staying high for the duration of the
transfer in order to prevent bus contention between the module
AD bus and the system bus. Machine cycle associated with
internal I/O commands are normally six oscillator cycles in
duration but might be extended to seven OSC cycles by the
internal ready interface if the module is run at high frequencies.
Internal I/O transfers may be subdivided into writes, reads and
commands as follows:
I/O writes consist of a command phase followed by the
value to be written. The command is placed on the AD bus
from the A register at the SYNCN high-to-low transition and is
assured valid on the high-to-low transition of AS. The value to
be written is placed on the AD bus from the DO register at the
SYNCN low-to-high transition and is written to the internal l/O
device by the subsequent SYNCN high-to-low transition. An
example of an internal l/O write is loading timer A.
I/O reads consist of a command phase followed by the
value returned by the internal device. The command is placed
on the AD bus from the A register at the SYNCN high-to-low
transition and is assured valid on the highto-low transition of
AS. The internal l/O device places the value to be read on the
AD bus at the SYNCN low-tohigh transition. This value is
captured by the Dl register on the subsequent SYNCN high-to-
low transition. An example of such an operation is reading the
interrupt mask register.
I/O commands consist of a command phase alone. The
command is placed on the AD bus from the A register at the
SYNCN high-to-low transition and is executed at the following
SYNCN high-to-low transition. An example of an l/O command
is raising the DMAE discrete.
External l/O transfers are similar to internal l/O transfers
with the following exceptions: (1) DDN goes low, as with
operand transfers, during an l/O read; and (2) external l/O
machine cycles are normally five OSC cycles in duration and
may be extended via the RDYN signal as with operand
transfers.
As discussed earlier, the Read Configuration Word
command is a special case. It is decoded internally to generate
a read strobe (CONFWN) and therefore uses both the
standard internal I/O six OSC period machine cycle as well as
the internal ready interface to extend its cycle. It relies on an
externally implemented configuration register, however, and
therefore cycles DDN as with external I/O cycles. Therefore,
the configuration word register must reside on the system side
of the data bus transceivers as opposed to residing directly on
the local AD bus (as shown in Figure 5).
Nine user interrupt request inputs are provided for
programmed response to asynchronous system events. A low
on any of these inputs will be detected at the high-to-low
transition of SYNCN and latched into the Pending Interrupt (Pl)
BIT
Test Coverage
BIT Fail Codes (FT 13,14,15)
Cycles
1
Microcode Sequencer
IB Register Control
100
220
Barrel Shifter
Byte Operations and Flags
2
Temporary Registers (T0 - T7)
Microcode Flags
101
165
Multiply
Divide
3
Interrupt Unit- MK, Pl, FT
111
216
Enable/Disable Interrupts
4
Status Word Control
User Flags
110
155
General Registers (R0 - R15)
5
Timer A
111
775
Timer B
-
BIT Pass/Fail Overhead
-
25
Note: BIT pass is indicated by all zeros in FT bits 13,14, and 15.
Table 4: Built-in Test Coverage and Tuning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com