Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS281 Datasheet(PDF) 26 Page - Dynex Semiconductor

Part # MAS281
Description  MIL-STD-1750A Microprocessor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS281 Datasheet(HTML) 26 Page - Dynex Semiconductor

Back Button MAS281 Datasheet HTML 22Page - Dynex Semiconductor MAS281 Datasheet HTML 23Page - Dynex Semiconductor MAS281 Datasheet HTML 24Page - Dynex Semiconductor MAS281 Datasheet HTML 25Page - Dynex Semiconductor MAS281 Datasheet HTML 26Page - Dynex Semiconductor MAS281 Datasheet HTML 27Page - Dynex Semiconductor MAS281 Datasheet HTML 28Page - Dynex Semiconductor MAS281 Datasheet HTML 29Page - Dynex Semiconductor MAS281 Datasheet HTML 30Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 55 page
background image
MAS281
26/55
Operation
Op Code/Ext
Mnemonic
Format
Cycles *
FLOATING-POINT
Extended-Precision Floating-
8A
EFL
D, DX
5
0
1
Point Load
Extended-Precision Floating-
9A
EFST
D, DX
5
0
1
Point Store
Floating-Point Absolute Value
AC
FABS
R
1
1.75
3.25a
of Register
Floating-Point Negate Register
BC
FNEG
R
1
3.25
3.75a
Floating-Point Compare
F9
FCR
R
1
2.75
2.875wa
3X
FCB
B
2
2.75
2.875wa
4X D
FCBX
BX
2
2.75
2.875wa
F8
FC
D, DX
3
1.75
2.875wa
Extended-Precision Floating-
FB
EFCR
R
1
3.25
2.875wa
Point Compare
FA
EFC
D,DX
4.25a 2.75
2.875wa
Floating-Point Add
A9
FAR
R
1
7.625
8.25wa
2X
FAB
B
3
6.625
8.25wa
4X 8
FABX
BX
3
6.625
8.25wa
A8
FA
D, DX
4
5.625
8.25wa
Extended-Precision Floating-
AB
EFAR
R
1
21.3125
10.5625wa
Point Add
AA
EFA
D, DX
5
19.3125
10.5625wa
Floating-Point Subtract
B9
FSR
R
1
8.625
8.625wa
2X
FSB
B
3
7.625
8.625wa
4X 9
FSBX
BX
3
7.625
8.625wa
B8
FS
D, DX
4
6.625
8.625wa
Extended-Precision Floating-
BB
EFSR
R
1
23.0625
11.8125wa
Point Subtract
BA
EFS
D, DX
5
21.0625
11.8125wa
Floating-Point Multiply
C9
FMR
R
1
12.75a
6.25wa
2X
FMB
B
3
12.75a
6.25wa
4X A
FMBX
BX
3
12.75a
6.25wa
C8
FM
D, DX
4
11.75a
6.25wa
Extended-Precision Floating-
CB
EFMR
R
1
59.75
6.25wa
point Multiply
CA
EFM
D, DX
5
57.75
6.25wa
Floating-Point Divide
D9
FDR
R
1
31.5
32.75wa
2X
FDB
B
3
30 5
32.75wa
4X B
FDBX
BX
3
30 5
32.75wa
D8
FD
D, DX
4
29.5
32.75wa
Extended-Precision Floating-
DB
EFDR
R
1
102.625
47.875wa
Point Divide
DA
EFD
D, DX
5
100.625
47 875wa
* M = memory, P = processor (5 OSC cycles), B = processor (6 OSC cycles),
a = average if more than one alternative exists
wa = weighted average favouring one or more possible alternatives
MP
B
Table 7a: Instruction Summary (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com