Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS281 Datasheet(PDF) 54 Page - Dynex Semiconductor

Part # MAS281
Description  MIL-STD-1750A Microprocessor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS281 Datasheet(HTML) 54 Page - Dynex Semiconductor

Back Button MAS281 Datasheet HTML 47Page - Dynex Semiconductor MAS281 Datasheet HTML 48Page - Dynex Semiconductor MAS281 Datasheet HTML 49Page - Dynex Semiconductor MAS281 Datasheet HTML 50Page - Dynex Semiconductor MAS281 Datasheet HTML 51Page - Dynex Semiconductor MAS281 Datasheet HTML 52Page - Dynex Semiconductor MAS281 Datasheet HTML 53Page - Dynex Semiconductor MAS281 Datasheet HTML 54Page - Dynex Semiconductor MAS281 Datasheet HTML 55Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 54 / 55 page
background image
MAS281
54/55
11.0 RADIATION TOLERANCE
Total Dose Radiation Testing
For product procured to guaranteed total dose radiation
levels, each wafer lot will be approved when all sample
devices from each lot pass the total dose radiation test.
The sample devices will be subjected to the total dose
radiation level (Cobalt-60 Source), defined by the ordering
code, and must continue to meet the electrical parameters
specified in the data sheet. Electrical tests, pre and post
irradiation, will be read and recorded.
Dynex Semiconductor can provide radiation testing
compliant with MIL-STD-883 test method 1019 Ionizing
Radiation (Total Dose).
Total Dose (Function to specification)*
3x10
5 Rad(Si)
Transient Upset (Stored data loss)
1x10
11 Rad(Si)/sec
Transient Upset (Survivability)
>1x10
12 Rad(Si)/sec
Neutron Hardness (Function to specification)
>1x10
15 n/cm2
Single Event Upset**
<1x10
-10 Errors/bit day
Latch Up
Not possible
* Other total dose radiation levels available on request
** Worst case galactic cosmic ray upset - interplanetary/high altitude orbit
Figure 32: Radiation Hardness Parameters
12.0 ORDERING INFORMATION
The processor can be ordered in the form of a module,
consisting of three chips in leadless chip carriers, mounted on
a ceramic tile. The module can be supplied with dual-in-line (C)
or flatpack (F) lead configurations.
The three chips which form the processor can be packaged
as separate devices. They are available in leadless chip carrier
(L), flatpack (F), or ceramic dual-in-line packages (C).
Module - MAx281xxx
Chip Set - MAx17501xxx
MAx17502xxx
MAx17503xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com