Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS281 Datasheet(PDF) 22 Page - Dynex Semiconductor

Part # MAS281
Description  MIL-STD-1750A Microprocessor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS281 Datasheet(HTML) 22 Page - Dynex Semiconductor

Back Button MAS281 Datasheet HTML 18Page - Dynex Semiconductor MAS281 Datasheet HTML 19Page - Dynex Semiconductor MAS281 Datasheet HTML 20Page - Dynex Semiconductor MAS281 Datasheet HTML 21Page - Dynex Semiconductor MAS281 Datasheet HTML 22Page - Dynex Semiconductor MAS281 Datasheet HTML 23Page - Dynex Semiconductor MAS281 Datasheet HTML 24Page - Dynex Semiconductor MAS281 Datasheet HTML 25Page - Dynex Semiconductor MAS281 Datasheet HTML 26Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
MAS281
22/55
Operation
Op Code/Ext
Mnemonic
Format
Cycles *
Double-Precision Integer
A7
DAR
R
1
3
0
Add
A6
DA
D, DX
4
1
0
Single Precision Integer
B1
SR
R
1
1
0
Subtract
1 X
SBB
B
2
2
0
4X 5
SBBX
BX
2
2
0
B2
SISP
ISP
1
1
0
B0
S
D, DX
3
1
0
4A 2
SIM
IM
2
1
0
Decrement Memory by a
B3
DECM
D,DX
4
1
0
Positive Integer
Single Precision Negate
B4
NEG
R
1
1
0
Register
Double-Precision Negate
B5
DNEG
R
1
3
0
Register
Double-Precision Integer
B7
DSR
R
1
3
0
Subtract
B6
DS
D,DX
4
1
0
Single Precision Integer
C1
MSR
R
1
6.5
4a
Multiply with 16-Bit Product
C2
MISP
ISP
1
7.5
4a
C3
MISN
ISN
1
7.5
4a
C0
MS
D,DX
3
6 5
4a
4A 4
MSIM
IM
2
6.5
4a
Single Precision Integer
C5
MR
R
1
5
3
Multiply with 32-Bit Product
1X
MB
B
2
7
3
4X 6
MBX
BX
2
7
3
C4
M
D, DX
3
5
3
4A 3
MIM
IM
2
5
3
Double-Precision Integer
C7
DMR
R
1
41
4.5a
Multiply
C6
DM
D,DX
4
40
4.5a
D1
DVR
R
1
20.25 5.5a
Single Precision Integer
D2
DISP
ISP
1
20
5.5a
Divide with 16-Bit Dividend
D3
DISN
ISN
1
20.5
5.5a
D0
DV
D,DX
3
20.25 5.5a
4A 6
DVIM
IM
2
20.25 5.5a
Single Precision Integer
D5
DR
R
1
21.75 6.5a
Dividewith 32-Bit Dividend
1X
DB
R
2
22.75 6.5a
4X 7
DBX
BX
2
22.75 6.5a
D4
D
D,DX
3
21.75 6.5a
4A 5
DIM
IM
2
22.75 6.5a
Double-Precision Integer
D7
DDR
R
1
79.5
5.5a
Divide
D6
DD
D,DX
4
77.5
5.5a
MP
B
* M = memory, P = processor (5 OSC cycles), B = processor (6 OSC cycles),
a = average if more than one alternative exists
Table 7a: Insttruction Summary (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com