Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS281 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # MAS281
Description  MIL-STD-1750A Microprocessor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS281 Datasheet(HTML) 1 Page - Dynex Semiconductor

  MAS281 Datasheet HTML 1Page - Dynex Semiconductor MAS281 Datasheet HTML 2Page - Dynex Semiconductor MAS281 Datasheet HTML 3Page - Dynex Semiconductor MAS281 Datasheet HTML 4Page - Dynex Semiconductor MAS281 Datasheet HTML 5Page - Dynex Semiconductor MAS281 Datasheet HTML 6Page - Dynex Semiconductor MAS281 Datasheet HTML 7Page - Dynex Semiconductor MAS281 Datasheet HTML 8Page - Dynex Semiconductor MAS281 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
MAS281
1/55
The MAS281 Microprocessor is a MIL-STD-1750A (Notice
1), 16-bit Central Processing Unit (CPU). It consists of three
CMOS/SOS large-scale integration (LSI) chips: the MA17501
Execution Unit (EU), the MA17502 Control Unit (CU), and the
MA17503 Interrupt Unit (IU). These three units can be
mounted on, and interconnected within a 64-pin ceramic
substrate. The microprocessor is also available as a 3-chip set
without the ceramic substrate (see ordering information on
page 55).
The MAS281 is optimised for real-time l/O and arithmetic
intensive operations. Key performance-enhancing features
include a parallel multiplier/accumulator, 32-bit barrel shifter,
instruction pre-fetch queue, and multiport register file.
Additional features include a comprehensive Built-ln-Test
(BIT), interval timers A and B, trigger-go counter, and Start-Up
ROM interface.
In accordance with MIL-STD-1750A, the MAS281
supports a 64K-word address space. An optional BMA31751
Memory Management Unit/Block Protect Unit (MMU(BPU))
chip may be added externally to expand this address space to
1M-words or add a 1K-word memory block protection
capability,
The MAS281 is offered in several screening grades which
are described in this document. For availability of speed
grades, please contact Dynex Semiconductor.
BLOCK DIAGRAM
FEATURES
s MIL-STD-1750A 16-Bit Microprocessor
s Full Performance over Military Temperature Range
(-55
°C to + 125°C)
s Radiation Hard CMOS/SOS Technology
s Performance Optimised Architecture
- Parallel Multiplier/Accumulator
- 32-bit Barrel Shifter
- Instruction Pre-Fetch
- Multi-Port Register File
s Implements MlL-STD-1750AOptions
- Timers A and B
- Trigger-Go Counter
- Start-Up ROM Interface
s 64 K-word Address Space Expandable to 1 M-word with
Optional MMU
MAS281
MIL-STD-1750A Microprocessor
Replaces June 1999 version, DS3563-4.0
DS3563-5.0 January 2000


Similar Part No. - MAS281

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MAS2901CB ZARLINK-MAS2901CB Datasheet
261Kb / 13P
RADIATION HARD 4-BIT MICROPROCESSOR SLICE
MAS2901CC ZARLINK-MAS2901CC Datasheet
261Kb / 13P
RADIATION HARD 4-BIT MICROPROCESSOR SLICE
MAS2901CD ZARLINK-MAS2901CD Datasheet
261Kb / 13P
RADIATION HARD 4-BIT MICROPROCESSOR SLICE
MAS2901CE ZARLINK-MAS2901CE Datasheet
261Kb / 13P
RADIATION HARD 4-BIT MICROPROCESSOR SLICE
MAS2901CL ZARLINK-MAS2901CL Datasheet
261Kb / 13P
RADIATION HARD 4-BIT MICROPROCESSOR SLICE
More results

Similar Description - MAS281

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
CT2566 AEROFLEX-CT2566 Datasheet
326Kb / 37P
CT2566 MIL-STD-1553 to Microprocessor Interface Unit
logo
Dynex Semiconductor
MA17501 DYNEX-MA17501 Datasheet
431Kb / 35P
Radiation Hard MIL-STD-1750A Execution unit
MA17502 DYNEX-MA17502 Datasheet
272Kb / 30P
Radiation Hard MIL-STD-1750A Control Unit
MA17503 DYNEX-MA17503 Datasheet
373Kb / 34P
Radiation Hard MIL-STD-1750A Interrupt Unit
MA31750 DYNEX-MA31750 Datasheet
436Kb / 42P
High Performance MIL-STD-1750 Microprocessor
logo
Aeroflex Circuit Techno...
CT1611 AEROFLEX-CT1611 Datasheet
291Kb / 24P
DMA Controller with Buffer Memory,MIL-STD-1750A Compatible
logo
List of Unclassifed Man...
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
MIL-STD-1553 TRANSCEIVER
logo
Honeywell Solid State E...
HX1750 HONEYWELL-HX1750 Datasheet
187Kb / 2P
MIL-STD-1750A MICROPROCESSOR
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
Nova Electric. All Righ...
FC1250U NOVA-FC1250U Datasheet
304Kb / 2P
RUGGED SINGLE-PHASE SINEWAVE FREQUENCY CONVERTER CAN MEET MIL-STD-810, MIL-STD-1399, MIL-S-901, MIL-STD-704, & MIL-STD-461 OPTIONALLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com