Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS281 Datasheet(PDF) 40 Page - Dynex Semiconductor

Part # MAS281
Description  MIL-STD-1750A Microprocessor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS281 Datasheet(HTML) 40 Page - Dynex Semiconductor

Back Button MAS281 Datasheet HTML 36Page - Dynex Semiconductor MAS281 Datasheet HTML 37Page - Dynex Semiconductor MAS281 Datasheet HTML 38Page - Dynex Semiconductor MAS281 Datasheet HTML 39Page - Dynex Semiconductor MAS281 Datasheet HTML 40Page - Dynex Semiconductor MAS281 Datasheet HTML 41Page - Dynex Semiconductor MAS281 Datasheet HTML 42Page - Dynex Semiconductor MAS281 Datasheet HTML 43Page - Dynex Semiconductor MAS281 Datasheet HTML 44Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
MAS281
40/55
6.0 ABSOLUTE MAXIMUM RATINGS
Parameter
Min
Max
Units
Supply voltage
-0.5
7
V
Input voltage
-0.3
VDD+0-3
V
Current through any pin
-20
20
mA
Operating temperature
-55
125
oC
Storage temperature
-65
150
oC
Table 8: Absolute Maximum Ratings
Stresses above those listed may cause permanent damage to
the device. This is a stress rating only and functional operation
of the device at these conditions, or at any other condition
above those indicated in the operations section of this
specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliabillty.
Subgroup
Definition
1
Static characteristics specified in Table 9 at +25
°C
2
Static characteristics specified in Table 9 at +125
°C
3
Static characteristics specified in Table 9 at -55
°C
7
Functional characteristics specified at +25
°C
8A
Functional characteristics specified at +125
°C
8B
Functional characteristics specified at -55
°C
9
Switching characteristics specified in Table 10 at +25
°C
10
Switching characteristics specified in Table 10 at +125
°C
11
Switching characteristics specified in Table 10 at -55
°C
DEFINITION OF SUBGROUPS
7.0 DC ELECTRICAL CHARACTERISTICS
Total Dose Radiation Not
Exceeding 3x10
5 Rad (Si)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VDD
Supply voltage
4.5
5.0
5.5
V
VIH
TTL Input High Voltage
2.0
V
VIL
TTL Input Low Voltage
0.8
V
VCH
OSC Input High Voltage
4.0
V
VCL
OSC Input Low Voltage
1.0
V
VOH
TTL Output High Voltage
IOH = -1.4mA
3.5
V
VDD = 4.5V
VOL
TTL Output low Voltage
lOL = 2.0mA
0.4
V
VDD = 5.5V
IIZ
Input Leakage Current (Note 1)
VDD = 5.5V
±10
µA
IOZ
Output Leakage Current (Note 1)
VDD = 5.5V
±150
µA
IDD
Power Supply Current
f = 20MHz
70
133
mA
Mil-Std-883, method 5005, subgroups 1, 2, 3
VDD = 5V±10%, over full operating temperature range
Note 1: Worst case at TA = +125°C, guaranteed but not tested at TA = -55°C
Table 9: Operating DC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com