Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS281 Datasheet(PDF) 43 Page - Dynex Semiconductor

Part # MAS281
Description  MIL-STD-1750A Microprocessor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS281 Datasheet(HTML) 43 Page - Dynex Semiconductor

Back Button MAS281 Datasheet HTML 39Page - Dynex Semiconductor MAS281 Datasheet HTML 40Page - Dynex Semiconductor MAS281 Datasheet HTML 41Page - Dynex Semiconductor MAS281 Datasheet HTML 42Page - Dynex Semiconductor MAS281 Datasheet HTML 43Page - Dynex Semiconductor MAS281 Datasheet HTML 44Page - Dynex Semiconductor MAS281 Datasheet HTML 45Page - Dynex Semiconductor MAS281 Datasheet HTML 46Page - Dynex Semiconductor MAS281 Datasheet HTML 47Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 55 page
background image
MAS281
43/55
NO.
Parameter
Test Condition
Min.
Max.
Units
(notes 1 & 9)
(note 2) (note 2)
61
SURE, NPU, ILLAD, CONFW
valid after SYNC lo (note 10)
Load 1
5
-
ns
62
TGCLK lo to TGO lo (Timer clocking) (note 10)
Load 1
-
150
ns
63
SYNC hi to TGO hi
(Reset Trigger-Go XIO) (note 10)
Load 1
-
75
ns
64
TCLK setup to SYNC lo (note 10)
30
-
ns
65
TCLK hold after SYNC lo (note 10)
10
-
ns
66
DTIMER setup to SYNC lo (note 10)
50
-
ns
67
DTIMER hold after SYNC lo (note 10)
10
-
ns
68
DTIMER setup to TGCLK hi (note 10)
30
-
ns
69
DTIMER hold after TGCLK lo (note 10)
12
-
ns
70
DTO setup to TCLK lo (note 10)
30
-
ns
71
DTO hold after TCLK lo (note 10)
10
-
ns
72
DTIMER lo to DMAE lo (note 10)
Load 1
-
60
ns
73
DTIMER hi to DMAE normal operation (note 10) Load 1
-
60
ns
74
TCLK lo to Normal operation after
bus timeout (note 10)
-
100
ns
75
EXADE lo to ILLAD lo (note 10)
Load 1
-
60
ns
76
EXADE hi to ILLAD hi (note 10)
Load 1
-
60
ns
77
SYNC lo to DD hi (Internal to XIO) (note 3, 10)
Load 1
-
60
ns
78
Bus fault timeout interval (note 3, 10)
1
2
TCLK
79
DD hi to AS lo (DMA) (note 3, 10)
Load 1
20
-
ns
80
DS hi to Data valid (note 10)
Load 1 (DS),
15
-
ns
Load 2 (Data)
Notes:
1. Unless otherwise noted, test conditions are as follows: OSC duty cycle = 50%, input rise and fall time < 5ns, timing measured
from 50% of VDD points.
2. t = 1 OSC period 0.5t implies a 50% OSC duty cycle; fractional t's may be adjusted to reflect actual OSC duty cycle
3. Data obtained by characterisation or analysis, is not routinely measured.
9. Output references SYNC, DMAK, and HLDAK drive into load 1.
10. Guaranteed by component LSI testing: not measured on microprocessor module.
Table 10: Timing Parameters (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com