Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS281 Datasheet(PDF) 25 Page - Dynex Semiconductor

Part # MAS281
Description  MIL-STD-1750A Microprocessor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS281 Datasheet(HTML) 25 Page - Dynex Semiconductor

Back Button MAS281 Datasheet HTML 21Page - Dynex Semiconductor MAS281 Datasheet HTML 22Page - Dynex Semiconductor MAS281 Datasheet HTML 23Page - Dynex Semiconductor MAS281 Datasheet HTML 24Page - Dynex Semiconductor MAS281 Datasheet HTML 25Page - Dynex Semiconductor MAS281 Datasheet HTML 26Page - Dynex Semiconductor MAS281 Datasheet HTML 27Page - Dynex Semiconductor MAS281 Datasheet HTML 28Page - Dynex Semiconductor MAS281 Datasheet HTML 29Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
MAS281
25/55
Operation
Op Code/Ext
Mnemonic
Format
Cycles *
CONVERT
Convert Floating-Point to 16-Bit
E8
FIX
R
1
4.25
4.5a
Integer
Convert 16-Bit Integer to Floating-
E9
FLT
R
1
3
2a
Point
Convert Extended-Precision
EA
EFIX
R
1
12.25
6.25a
Floating-Point to 32-Bit Integer
Convert 32-Bit Integer to
EB
EFLT
R
1
7.5
3.5a
Extended-Precision Floating-Point
STACK
Stack IC and Jump to Subroutine
7E
SJS
D, DX
4
3
0
Unstack IC and return from
Subroutine
7F
URS
S
3
1
1
Pop Multiple registers off the
Stack
8F
POPM
S
2.5+n
2.25+n
4.25a
(n=O to 15)
(n=O to 15)
Push Multiple Registers on to the
Stack
9F
PSHM
S
1 + n
4.5 + n
2a
(n=O to 15)
(n=O to 15)
I/O (See l/O Command Summary)
Execute l/O
48
XlO**
IM,IMX
3
3.583
6.277a
Vectored l/O
49
VlO**
D,DX
-
-
-
SPECIAL
Built-ln Function Call
4F
BIF
S
Move Multiple Words, Memory-to-
93
MOV
S
1+4n
1+3n
1+2na
Memory
Exchange Words in Registers
ED
XWR
R
1
2
0
Load Status
7D
LST**
D, DX
8
2
3
7C
LSTI**
I, IX
9
2
4
No Operation
FF
NOP
S
1
2
2
Break Point
FF
BPT
S
3
4
4
* M = memory, P = processor (5 OSC cycles), B = processor (6 OSC cycles),
a = average if more than one alternative exists
** Priveleged instruction
MP
B
Table 7a: Instruction Summary (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com