Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS281 Datasheet(PDF) 27 Page - Dynex Semiconductor

Part # MAS281
Description  MIL-STD-1750A Microprocessor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS281 Datasheet(HTML) 27 Page - Dynex Semiconductor

Back Button MAS281 Datasheet HTML 23Page - Dynex Semiconductor MAS281 Datasheet HTML 24Page - Dynex Semiconductor MAS281 Datasheet HTML 25Page - Dynex Semiconductor MAS281 Datasheet HTML 26Page - Dynex Semiconductor MAS281 Datasheet HTML 27Page - Dynex Semiconductor MAS281 Datasheet HTML 28Page - Dynex Semiconductor MAS281 Datasheet HTML 29Page - Dynex Semiconductor MAS281 Datasheet HTML 30Page - Dynex Semiconductor MAS281 Datasheet HTML 31Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
MAS281
27/55
4.5 INTERNAL I/O COMMAND SUMMARY
Operation
Command
Mnemonic
Cycles *
Implemented in MAS281
Set Fault Register
0401
SFR
2
3
9
Set Interrupt Mask
2000
SMK
2
3
9
Clear Interrupt request
2001
CLIR
2
3
9
Enable Interrupts
2002
ENBL
2
3
9
Disable Interrupts
2003
DSBL
2
3
9
Reset Pending Interrupt
2004
RPI
2
3
9
Set Pending Interrupt Register
2005
SPI
2
3
9
Reset Normal Power Up Discrete
200A
RNS
2
3
9
Write Status Word
200E
WSW
2
3a
8.5a
Enable Start-Up ROM
4004
ESUR
2
3
9
Disable Start-Up ROM
4005
DSUR
2
3
9
Direct Memory Access Enable
4006
DMAE
2
3
9
Direct Memory Access Disable
4007
DMAD
2
3
9
Timer A Start
4008
TAS
2
3
9
Ti mer A Halt
4009
TAH
2
3
9
Output Timer A
400A
OTA
2
3
9
Reset Trigger-Go
400B
GO
2
3
9
Timer B Start
400C
TBS
2
3
9
Timer B Halt
400D
TBH
2
3
9
Output Timer B
400E
OTB
2
3
9
Read Configuration Word
8400
RCW
2
2
4
Read Fault Register Without Clear
8401
RFR
2
2
4
Read Interrupt Mask
A000
RMK
2
2
4
Read Pending Interrupt Register
A004
RPIR
2
2
4
Read Status Word
A00E
RSW
2
1
4
Read and Clear Fault Register
A00F
RCFR
2
2
4
Input Timer A
C00A
ITA
2
2
4
input Timer B
C00E
ITB
2
2
4
Implemented in BPU
Memory Protect Enable
4003
MPEN
2
4
8
Load Memory Protect RAM
50XX
LMP
2
4
8
Read Memory Protect RAM
D0XX
RMP
2
3
3
Implemented in MMU
Write Instruction Page Register
51XY
WIPR
2
4
8
Write Operand Page Register
52XY
WOPR
2
4
8
Read Memory Fault Status
A00D
RMFS
2
3
3
Read Instruction Page Register
DlXY
RIPR
2
3
3
Read Operand Page Register
D2XY
ROPR
2
3
3
* M = memory, P = processor (5 OSC cycles), B = processor (6 OSC cycles),
a = average if more than one alternative exists
MP
B
Table 7b: Internal I/O Command Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com