Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7457 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MPC7457
Description  Microprocessor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MPC7457 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 71 page
background image
Electrical and Thermal Characteristics
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 8
Freescale Semiconductor
23
The L3_CLK timing diagram is shown in Figure 7.
Figure 7. L3_CLK_OUT Output Timing Diagram
L3 clock jitter
—
—
± 75
—
—
± 75
ps
5
Notes:
1. The maximum L3 clock frequency (and minimum L3 clock period) will be system dependent. See Section 5.2.3, “L3 Clock
AC Specifications,” for an explanation that this maximum frequency is not functionally tested at speed by Freescale. The
minimum L3 clock frequency and period are fSYSCLK and tSYSCLK, respectively.
2. The nominal duty cycle of the L3 output clocks is 50% measured at midpoint voltage.
3. Maximum possible skew between L3_CLK0 and L3_CLK1. This parameter is critical to the address and control signals which
are common to both SRAM chips in the L3.
4. Maximum possible skew between L3_CLK0 and L3_ECHO_CLK1 or between L3_CLK1 and L3_ECHO_CLK3 for PB2 or
Late Write SRAM. This parameter is critical to the read data signals because the processor uses the feedback loop to latch
data driven from the SRAM, each of which drives data based on L3_CLK0 or L3_CLK1.
5. Guaranteed by design and not tested. The input jitter on SYSCLK affects L3 output clocks and the L3 address, data, and
control signals equally and, therefore, is already comprehended in the AC timing and does not have to be considered in the
L3 timing analysis. The clock-to-clock jitter shown here is uncertainty in the internal clock period caused by supply voltage
noise or thermal effects. This is also comprehended in the AC timing specifications and need not be considered in the L3
timing analysis.
6. L3 I/O voltage mode must be configured by L3VSEL as described in Table 3, and voltage supplied at GVDD must match
mode selected as specified in Table 4. See Table 22 for revision level information and part marking.
Table 10. L3_CLK Output AC Timing Specifications (continued)
At recommended operating conditions. See Table 4.
Parameter
Symbol
Device Revision (L3 I/O Voltage) 6
Unit
Notes
Rev 1.1. (All I/O Modes)
Rev 1.2 (1.5-V I/O Mode)
Rev 1.2
(1.8-, 2.5-V I/O Modes)
Min
Typ
Max
Min
Typ
Max
L3_CLK0
VM
tL3CR
tL3CF
VM
VM
VM
L3_CLK1
VM
VM
tL3_CLK
tCHCL
VM
L3_ECHO_CLK1
L3_ECHO_CLK3
VM
VM
VM
VM
VM
VM
VM
VM
For PB2 or Late Write:
tL3CSKW1
tL3CSKW2
tL3CSKW2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com