Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7457 Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MPC7457
Description  Microprocessor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457 Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MPC7457 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 71 page
background image
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 8
System Design Information
Freescale Semiconductor
62
9.8.2
Thermal Interface Materials
A thermal interface material is recommended at the package lid-to-heat sink interface to minimize the
thermal contact resistance. For those applications where the heat sink is attached by spring clip
mechanism, Figure 29 shows the thermal performance of three thin-sheet thermal-interface materials
(silicone, graphite/oil, floroether oil), a bare joint, and a joint with thermal grease as a function of contact
pressure. As shown, the performance of these thermal interface materials improves with increasing contact
pressure. The use of thermal grease significantly reduces the interface thermal resistance. That is, the bare
joint results in a thermal resistance approximately seven times greater than the thermal grease joint.
Often, heat sinks are attached to the package by means of a spring clip to holes in the printed-circuit board
(see Figure 27). Therefore, the synthetic grease offers the best thermal performance, considering the low
interface pressure and is recommended due to the high power dissipation of the MPC7457. Of course, the
selection of any thermal interface material depends on many factors—thermal performance requirements,
manufacturability, service temperature, dielectric properties, cost, etc.
Figure 29. Thermal Performance of Select Thermal Interface Material
The board designer can choose between several types of thermal interface. Heat sink adhesive materials
should be selected based on high conductivity, yet adequate mechanical strength to meet equipment
shock/vibration requirements. There are several commercially available thermal interfaces and adhesive
materials provided by the following vendors:
0
0.5
1
1.5
2
0
1020
304050
6070
80
Silicone Sheet (0.006 in.)
Bare Joint
Floroether Oil Sheet (0.007 in.)
Graphite/Oil Sheet (0.005 in.)
Synthetic Grease
Contact Pressure (psi)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com