Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7457 Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # MPC7457
Description  Microprocessor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457 Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button MPC7457 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 71 page
background image
System Design Information
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 8
Freescale Semiconductor
55
response time necessary. They should also be connected to the power and ground planes through two vias
to minimize inductance. Suggested bulk capacitors: 100–330 µF (AVX TPS tantalum or Sanyo OSCON).
9.4
Connection Recommendations
To ensure reliable operation, it is highly recommended to connect unused inputs to an appropriate signal
level. Unused active low inputs should be tied to OVDD. Unused active high inputs should be connected
to GND. All NC (no-connect) signals must remain unconnected.
Power and ground connections must be made to all external VDD, OVDD, GVDD, and GND pins in the
MPC7457. If the L3 interface is not used, GVDD should be connected to the OVDD power plane, and
L3VSEL should be connected to BVSEL; the remainder of the L3 interface may be left unterminated.
9.5
Output Buffer DC Impedance
The MPC7457 processor bus and L3 I/O drivers are characterized over process, voltage, and temperature.
To measure Z0, an external resistor is connected from the chip pad to OVDD or GND. Then, the value of
each resistor is varied until the pad voltage is OVDD/2 (see Figure 25).
The output impedance is the average of two components, the resistances of the pull-up and pull-down
devices. When data is held low, SW2 is closed (SW1 is open), and RN is trimmed until the voltage at the
pad equals OVDD/2. RN then becomes the resistance of the pull-down devices. When data is held high,
SW1 is closed (SW2 is open), and RP is trimmed until the voltage at the pad equals OVDD/2. RP then
becomes the resistance of the pull-up devices. RP and RN are designed to be close to each other in value.
Then, Z0 = (RP + RN)/2.
Figure 25. Driver Impedance Measurement
Table 21 summarizes the signal impedance results. The impedance increases with junction temperature
and is relatively unaffected by bus voltage.
OVDD
OGND
RP
RN
Pad
Data
SW1
SW2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com