Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7457 Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # MPC7457
Description  Microprocessor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457 Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button MPC7457 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 71 page
background image
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 8
Pinout Listings
Freescale Semiconductor
42
L1_TSTCLK
H4
High
Input
BVSEL
10
L2_TSTCLK
J2
High
Input
BVSEL
12
L3VSEL
A4
High
Input
N/A
6, 7
L3ADDR[18:0]
H11, F20, J16, E22, H18, G20, F22, G22, H20, K16,
J18, H22, J20, J22, K18, K20, L16, K22, L18
High
Output
L3VSEL
L3_CLK[0:1]
V22, C17
High
Output
L3VSEL
L3_CNTL[0:1]
L20, L22
Low
Output
L3VSEL
L3DATA[0:63]
AA19, AB20, U16, W18, AA20, AB21, AA21, T16,
W20, U18, Y22, R16, V20, W22, T18, U20, N18, N20,
N16, N22, M16, M18, M20, M22, R18, T20, U22, T22,
R20, P18, R22, M15, G18, D22, E20, H16, C22, F18,
D20, B22, G16, A21, G15, E17, A20, C19, C18, A19,
A18, G14, E15, C16, A17, A16, C15, G13, C14, A14,
E13, C13, G12, A13, E12, C12
High
I/O
L3VSEL
L3DP[0:7]
AB19, AA22, P22, P16, C20, E16, A15, A12
High
I/O
L3VSEL
L3_ECHO_CLK[0,2]
V18, E18
High
Input
L3VSEL
L3_ECHO_CLK[1,3]
P20, E14
HIgh
I/O
L3VSEL
LSSD_MODE
F6
Low
Input
BVSEL
7, 13
MCP
B8
Low
Input
BVSEL
No Connect
A8, A11, B6, B11, C11, D11, D3, D5, E11, E7, F2,
F11, G2, H9
——
N/A
14
OVDD
B3, C5, C7, C10, D2, E3, E9, F5, G3, G9, H7, J5, K3,
L7, M5, N3, P7, R4, T3, U5, U7, U11, U15, V3, V9,
V13, Y2, Y5, Y7, Y10, Y17, Y19, AA4, AA15
——
N/A
PLL_CFG[0:4]
A2, F7, C2, D4, H8
High
Input
BVSEL
PMON_IN
E6
Low
Input
BVSEL
15
PMON_OUT
B4
Low
Output
BVSEL
QACK
K7
Low
Input
BVSEL
QREQ
Y1
Low
Output
BVSEL
SHD[0:1]
L4, L8
Low
I/O
BVSEL
3
SMI
G8
Low
Input
BVSEL
SRESET
G1
Low
Input
BVSEL
SYSCLK
D6
—
Input
BVSEL
TA
N8
Low
Input
BVSEL
TBEN
L3
High
Input
BVSEL
TBST
B7
Low
Output
BVSEL
TCK
J7
High
Input
BVSEL
Table 17. Pinout Listing for the MPC7457, 483 CBGA Package (continued)
Signal Name
Pin Number
Active
I/O
I/F Select 1
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com