Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7457 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPC7457
Description  Microprocessor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC7457 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 71 page
background image
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 8
Electrical and Thermal Characteristics
Freescale Semiconductor
16
Table 7 provides the power consumption for the MPC7457.
Capacitance,
Vin = 0 V, f = 1 MHz
L3 interface
—
Cin
—9.5
pF
5
All other inputs
—
8.0
Notes:
1. Nominal voltages; see Table 4 for recommended operating conditions.
2. For processor bus signals, the reference is OVDD while GVDD is the reference for the L3 bus signals.
3. Excludes test signals and IEEE 1149.1 boundary scan (JTAG) signals.
4. The leakage is measured for nominal OVDD/GVDD and VDD, or both OVDD/GVDD and VDD must vary in the same direction
(for example, both OVDD and VDD vary by either +5% or –5%).
5. Capacitance is periodically sampled rather than 100% tested.
6. Applicable to L3 bus interface only.
Table 7. Power Consumption for MPC7457
Processor (CPU) Frequency
Unit
Notes
867 MHz
1000 MHz
1200 MHz
1267 MHz
Full-Power Mode
Typical
14.8
15.8
17.5
18.3
W
1, 2
Maximum
21.0
22.0
24.2
25.6
W
1, 3
Nap Mode
Typical
5.2
5.2
5.2
5.2
W
1, 2
Sleep Mode
Typical
5.1
5.1
5.1
5.1
W
1, 2
Deep Sleep Mode (PLL Disabled)
Typical
5.0
5.0
5.0
5.0
W
1, 2
Notes:
1. These values apply for all valid processor bus and L3 bus ratios. The values do not include I/O supply power (OVDD and
GVDD) or PLL supply power (AVDD). OVDD and GVDD power is system dependent, but is typically <5% of VDD power. Worst
case power consumption for AVDD < 3 mW.
2. Typical power is an average value measured at the nominal recommended VDD (see Table 4) and 65°C while running the
Dhrystone 2.1 benchmark and achieving 2.3 Dhrystone MIPs/MHz.
3. Maximum power is the average measured at nominal VDD and maximum operating junction temperature (see Table 4) while
running an entirely cache-resident, contrived sequence of instructions which keep all the execution units maximally busy.
4. Doze mode is not a user-definable state; it is an intermediate state between full-power and either nap or sleep mode. As a
result, power consumption for this mode is not tested.
Table 6. DC Electrical Specifications (continued)
At recommended operating conditions. See Table 4.
Characteristic
Nominal
Bus
Voltage 1
Symbol
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com