Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7457 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC7457
Description  Microprocessor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC7457 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
Comparison with the MPC7455, MPC7445, MPC7450, MPC7451, and MPC7441
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 8
Freescale Semiconductor
9
3
Comparison with the MPC7455, MPC7445, MPC7450,
MPC7451, and MPC7441
Table 1 compares the key features of the MPC7457 with the key features of the earlier MPC7455,
MPC7445, MPC7450, MPC7451, and MPC7441. To achieve a higher frequency, the number of logic
levels per cycle is reduced. Also, to achieve this higher frequency, the pipeline of the MPC7457 is
extended (compared to the MPC7400), while maintaining the same level of performance as measured by
the number of instructions executed per cycle (IPC).
Table 1. Microarchitecture Comparison
Microarchitectural Specs
MPC7457/MPC7447
MPC7455/MPC7445
MPC7450/MPC7451/
MPC7441
Basic Pipeline Functions
Logic inversions per cycle
18
18
18
Pipeline stages up to execute
5
5
5
Total pipeline stages (minimum)
7
7
7
Pipeline maximum instruction throughput
3 + Branch
3 + Branch
3 + Branch
Pipeline Resources
Instruction buffer size
12
12
12
Completion buffer size
16
16
16
Renames (integer, float, vector)
16, 16, 16
16, 16, 16
16, 16, 16
Maximum Execution Throughput
SFX
333
Vector
2 (any 2 of 4 units)
2 (any 2 of 4 units)
2 (any 2 of 4 units)
Scalar floating-point
1
1
1
Out-of-Order Window Size in Execution Queues
SFX integer units
1 entry
× 3 queues
1 entry
× 3 queues
1 entry
× 3 queues
Vector units
In order, 4 queues
In order, 4 queues
In order, 4 queues
Scalar floating-point unit
In order
In order
In order
Branch Processing Resources
Prediction structures
BTIC, BHT, link stack
BTIC, BHT, link stack
BTIC, BHT, link stack
BTIC size, associativity
128-entry, 4-way
128-entry, 4-way
128-entry, 4-way
BHT size
2K-entry
2K-entry
2K-entry
Link stack depth
8
8
8
Unresolved branches supported
3
3
3
Branch taken penalty (BTIC hit)
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com