Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7457 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # MPC7457
Description  Microprocessor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MPC7457 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 71 page
background image
Package Description
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 8
Freescale Semiconductor
47
8.4
Package Parameters for the MPC7457, 483 CBGA or RoHS BGA
The package parameters are as provided in the following list. The package type is 29 × 29 mm, 483 ceramic
ball grid array (CBGA).
Package outline
29 × 29 mm
Interconnects
483 (22 × 22 ball array – 1)
Pitch
1.27 mm (50 mil)
Minimum module height —
Maximum module height3.22 mm
Ball diameter
0.89 mm (35 mil)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com