Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7457 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC7457
Description  Microprocessor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC7457 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
General Parameters
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 8
Freescale Semiconductor
11
4
General Parameters
The following list provides a summary of the general parameters of the MPC7457:
Technology
0.13
μm CMOS, nine-layer metal
Die size
9.1 mm × 10.8 mm
Transistor count
58 million
Logic design
Fully-static
Packages
MPC7447: Surface mount 360 ceramic ball grid array (CBGA)
MPC7457: Surface mount 483 ceramic ball grid array (CBGA)
Core power supply
1.3 V ±50 mV DC nominal
I/O power supply
1.8 V ±5% DC, or
2.5 V ±5% DC, or
1.5 V ±5% DC (L3 interface only, not implemented on MPC7447)
5
Electrical and Thermal Characteristics
This section provides the AC and DC electrical specifications and thermal characteristics for the
MPC7457.
5.1
DC Electrical Characteristics
The tables in this section describe the MPC7457 DC electrical characteristics.Table 2 provides the
absolute maximum ratings.
Cache level
L3L3L3
Total SRAM space supported
1 MB, 2MB, 4 MB 2
1 MB, 2 MB
1 MB, 2 MB
On-chip tag logical size (cache space)
1 MB, 2 MB
1 MB, 2 MB
1 MB, 2 MB
Associativity
8-way
8-way
8-way
Number of 32-byte sectors/line
2, 4
2, 4
2, 4
Off-Chip data SRAM support
MSUG2 DDR, LW, PB2
MSUG2 DDR, LW, PB2
MSUG2 DDR, LW, PB2
Data path width
64
64
64
Direct mapped SRAM sizes
1 MB, 2 MB, 4 MB
1 MB, 2 MB
1 MB, 2 MB
Parity
Byte
Byte
Byte
Notes:
1. Not implemented on MPC7447, MPC7445, or MPC7441.
2. The MPC7457 supports up to 4 MB of SRAM, of which a maximum of 2 MB can be configured as cache memory; the
remaining 2 MB may be unused or configured as private memory.
Table 1. Microarchitecture Comparison (continued)
Microarchitectural Specs
MPC7457/MPC7447
MPC7455/MPC7445
MPC7450/MPC7451/
MPC7441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com