Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7457 Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MPC7457
Description  Microprocessor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457 Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MPC7457 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 71 page
background image
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 8
Pinout Listings
Freescale Semiconductor
40
TEA
L1
Low
Input
BVSEL
TEST[0:3]
A12, B6, B10, E10
—
Input
BVSEL
12
TEST[4]
D10
—
Input
BVSEL
9
TMS
F1
High
Input
BVSEL
6
TRST
A5
Low
Input
BVSEL
6, 14
TS
L4
Low
I/O
BVSEL
3
TSIZ[0:2]
G6, F7, E7
High
Output
BVSEL
TT[0:4]
E5, E6, F6, E9, C5
High
I/O
BVSEL
WT
D3
Low
Output
BVSEL
VDD
H8, H10, H12, J7, J9, J11, J13, K8, K10, K12, K14, L7,
L9, L11, L13, M8, M10, M12
——
N/A
Notes:
1. OVDD supplies power to the processor bus, JTAG, and all control signals; and VDD supplies power to the processor core and
the PLL (after filtering to become AVDD). To program the I/O voltage, connect BVSEL to either GND (selects 1.8 V) or to
HRESET (selects 2.5 V). If used, the pull-down resistor should be less than 250
Ω. For actual recommended value of V
in or
supply voltages see Table 4.
2. Unused address pins must be pulled down to GND.
3. These pins require weak pull-up resistors (for example, 4.7 k
Ω) to maintain the control signals in the negated state after they
have been actively negated and released by the MPC7447 and other bus masters.
4. This signal selects between MPX bus mode (asserted) and 60x bus mode (negated) and will be sampled at HRESET going
high.
5. This signal must be negated during reset, by pull up to OVDD or negation by ¬HRESET (inverse of HRESET), to ensure
proper operation.
6. Internal pull up on die.
7. Ignored in 60x bus mode.
8. These signals must be pulled down to GND if unused, or if the MPC7447 is in 60x bus mode.
9. These input signals are for factory use only and must be pulled down to GND for normal machine operation.
10.This test signal is recommended to be tied to HRESET; however, other configurations will not adversely affect performance.
11.These signals are for factory use only and must be left unconnected for normal machine operation.
12.These input signals are for factory use only and must be pulled up to OVDD for normal machine operation.
13.This pin can externally cause a performance monitor event. Counting of the event is enabled via software.
14.This signal must be asserted during reset, by pull down to GND or assertion by HRESET, to ensure proper operation.
Table 17. Pinout Listing for the MPC7457, 483 CBGA Package
Signal Name
Pin Number
Active
I/O
I/F Select 1
Notes
A[0:35]
E10, N4, E8, N5, C8, R2, A7, M2, A6, M1, A10, U2,
N2, P8, M8, W4, N6, U6, R5, Y4, P1, P4, R6, M7, N7,
AA3, U4, W2, W1, W3, V4, AA1, D10, J4, G10, D9
High
I/O
BVSEL
2
AACK
U1
Low
Input
BVSEL
AP[0:4]
L5, L6, J1, H2, G5
High
I/O
BVSEL
ARTRY
T2
Low
I/O
BVSEL
3
Table 16. Pinout Listing for the MPC7447, 360 CBGA Package (continued)
Signal Name
Pin Number
Active
I/O
I/F Select 1
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com