Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7457 Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # MPC7457
Description  Microprocessor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457 Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MPC7457 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 71 page
background image
Part Numbering and Marking
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 8
Freescale Semiconductor
65
Figure 30. Recommended Thermal Model of MPC7447 and MPC7457
10 Part Numbering and Marking
Ordering information for the parts fully covered by this specification document is provided in
Section 10.1, “Part Numbers Fully Addressed by This Document.” Note that the individual part numbers
correspond to a maximum processor core frequency. For available frequencies, contact your local
Freescale sales office. In addition to the processor frequency, the part numbering scheme also includes an
application modifier which may specify special application conditions. Each part number also contains a
revision level code which refers to the die mask revision number. Section 10.2, “Part Numbers Not Fully
Addressed by This Document,” lists the part numbers which do not fully conform to the specifications of
this document. These special part numbers require an additional document called a referred to as a
hardware specification addendum.
10.1
Part Numbers Fully Addressed by This Document
Table 22 provides the Freescale part numbering nomenclature for the MPC7457.
Bump and Underfill
Die
Substrate
Solder and Air
Die
Substrate
Side View of Model (Not to Scale)
Top View of Model (Not to Scale)
x
y
z
Conductivity
Value
Unit
Bump and Underfill
kx
0.6
W/(m • K)
ky
0.6
kz
2
Substrate
k18
Solder Ball and Air
kx
0.034
ky
0.034
kz
3.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com