Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7457 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MPC7457
Description  Microprocessor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPC7457 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 71 page
background image
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 8
Electrical and Thermal Characteristics
Freescale Semiconductor
26
5.2.4.2
L3 Bus AC Specifications for DDR MSUG2 SRAMs
When using DDR MSUG2 SRAMs at the L3 interface, the parts should be connected as shown in Figure 9.
Outputs from the MPC7457 are actually launched on the edges of an internal clock phase-aligned to
SYSCLK (adjusted for core and L3 frequency divisors). L3_CLK0 and L3_CLK1 are this internal clock
output with 90° phase delay, so outputs are shown synchronous to L3_CLK0 and L3_CLK1. Output valid
times are typically negative when referenced to L3_CLKn because the data is launched one-quarter period
before L3_CLKn to provide adequate setup time at the SRAM after the delay-matched address, control,
data, and L3_CLKn signals have propagated across the printed-wiring board.
Inputs to the MPC7457 are source-synchronous with the CQ clock generated by the DDR MSUG2
SRAMs. These CQ clocks are received on the L3_ECHO_CLKn inputs of the MPC7457. An internal
circuit delays the incoming L3_ECHO_CLKn signal such that it is positioned within the valid data
L3CLK
n_OH
All signals latched by
SRAM connected to
L3_CLK
n
0b000
tL3CHOV,
tL3CHDV,
tL3CLDV
0tL3CHOX,
tL3CHDX,
tL3CLDX
0ps
4
0b001
– 50
– 50
5
0b010
– 100
– 100
5
0b011
– 150
– 150
5
0b100
– 200
– 200
5
0b101
– 250
– 250
5
0b110
– 300
– 300
5
0b111
– 350
– 350
5
L3DOH
n
L3_DATA[
n:n+7],
L3_DP[
n/8]
0b000
tL3CHDV,
tL3CLDV
0tL3CHDX,
tL3CLDX
0ps
4
0b001
+ 50
+ 50
0b010
+ 100
+ 100
0b011
+ 150
+ 150
0b100
+ 200
+ 200
0b101
+ 250
+ 250
0b111
+ 300
+ 300
0b111
+ 350
+ 350
Notes:
1. See the
MPC7450 RISC Microprocessor Family User’s Manual for specific information regarding L3OHCR.
2. See Table 13 and Table 14 for more information.
3. Approximate delay verified by simulation; not tested or characterized.
4. Default value.
5. Increasing values of L3CLK
n_OH delay the L3_CLKn signal, effectively decreasing the output valid and output hold times of
all signals latched relative to that clock signal by the SRAM; see Figure 9 and Figure 11.
Table 12. Effect of L3OHCR Settings on L3 Bus AC Timing (continued)
At recommended operating conditions. See Table 4.
Field Name1
Affected Signals
Value
Output Valid Time
Output Hold Time
Unit
Notes
Parameter
Symbol 2
Change 3
Parameter
Symbol 2
Change 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com