Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7457 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPC7457
Description  Microprocessor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC7457 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 71 page
background image
Electrical and Thermal Characteristics
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 8
Freescale Semiconductor
15
Table 6 provides the DC electrical characteristics for the MPC7457.
Coefficient of thermal expansion
6.8
6.8
ppm/°C
Notes:
1. Refer to Section 9.8, “Thermal Management Information,” for more details about thermal management.
2. Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, airflow, power dissipation of other components on the board, and board thermal
resistance.
3. Per SEMI G38-87 and JEDEC JESD51-2 with the single-layer board horizontal.
4. Per JEDEC JESD51-6 with the board horizontal.
5. Thermal resistance between the die and the printed-circuit board per JEDEC JESD51-8. Board temperature is measured on
the top surface of the board near the package.
6. Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method
1012.1) with the calculated case temperature. The actual value of RθJC for the part is less than 0.1°C/W.
Table 6. DC Electrical Specifications
At recommended operating conditions. See Table 4.
Characteristic
Nominal
Bus
Voltage 1
Symbol
Min
Max
Unit
Notes
Input high voltage
(all inputs including SYSCLK)
1.5
VIH
GVDD × 0.65
GVDD + 0.3
V
2
1.8
OVDD/GVDD × 0.65
OVDD/GVDD + 0.3
V
2.5
1.7
OVDD/GVDD + 0.3
V
Input low voltage
(all inputs including SYSCLK)
1.5
VIL
–0.3
GVDD × 0.35
V
2, 6
1.8
–0.3
OVDD/GVDD × 0.35
V
2.5
–0.3
0.7
V
Input leakage current, Vin = GVDD/OVDD
—Iin
—30
µA
2, 3
High-impedance (off-state) leakage
current, Vin = GVDD/OVDD
—ITSI
—
30
µA
2, 3, 4
Output high voltage, IOH = –5 mA
1.5
VOH
OVDD/GVDD – 0.45
—
V
6
1.8
OVDD/GVDD – 0.45
—
V
2.5
1.8
—
V
Output low voltage, IOL = 5 mA
1.5
VOL
—0.45
V
6
1.8
—
0.45
V
2.5
—
0.6
V
Table 5. Package Thermal Characteristics 1
(continued)
Characteristic
Symbol
Value
Unit
Notes
MPC7447
MPC7457



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com