Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7457 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MPC7457
Description  Microprocessor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MPC7457 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 71 page
background image
Electrical and Thermal Characteristics
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 8
Freescale Semiconductor
17
5.2
AC Electrical Characteristics
This section provides the AC electrical characteristics for the MPC7457. After fabrication, functional parts
are sorted by maximum processor core frequency as shown in Section 1.5.2.1, “Clock AC Specifications,”
and tested for conformance to the AC specifications for that frequency. The processor core frequency is
determined by the bus (SYSCLK) frequency and the settings of the PLL_CFG[0:4] signals. Parts are sold
by maximum processor core frequency; see Section 1.11, “Ordering Information.”
5.2.1
Clock AC Specifications
Table 8 provides the clock AC timing specifications as defined in Figure 6 and represents the tested
operating frequencies of the devices. The maximum system bus frequency, fSYSCLK, given in Table 8 is
considered a practical maximum in a typical single-processor system. The actual maximum SYSCLK
frequency for any application of the MPC7457 will be a function of the AC timings of the MPC7457, the
AC timings for the system controller, bus loading, printed-circuit board topology, trace lengths, and so
forth, and may be less than the value given in Table 8. For information regarding the use of spread
spectrum clock generators, see Section 9.1.3, “System Bus Clock (SYSCLK) and Spread Spectrum
Sources.” PLL configuration and bus-to-core multiplier information is found in Section 9.1.1, “Core
Clocks and PLL Configuration.”
Table 8. Clock AC Timing Specifications
At recommended operating conditions. See Table 4.
Characteristic
Symbol
Maximum Processor Core Frequency
Unit
Notes
867 MHz
1000 MHz
1200 MHz
1267 MHz
Min
Max
Min
Max
Min
Max
Min
Max
Processor frequency
fcore
600
867
600
1000
600
1200
600
1267
MHz
1
VCO frequency
fVCO
1200
1733
1200
2000
1200
2400
1200
2534
MHz
1
SYSCLK frequency
fSYSCLK
33
167
33
167
33
167
33
167
MHz
1, 2
SYSCLK cycle time
tSYSCLK
6.0
30
6.0
30
6.0
30
6.0
30
ns
2
SYSCLK rise and fall time
tKR, tKF
—1.0
—1.0
—1.0
—1.0
ns
3
SYSCLK duty cycle measured
at OVDD/2
tKHKL/
tSYSCLK
40
60
40
60
40
60
40
60
%
4
SYSCLK cycle-to-cycle jitter
—
150
—
150
—
150
—
150
ps
5, 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com