Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7457 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC7457
Description  Microprocessor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC7457 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
Features
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 8
Freescale Semiconductor
7
— PLRU replacement algorithm
— Cache write-back or write-through operation programmable on a per-page or per-block basis
— 64-byte, two-sectored line size
— L2 cache supports parity and generation checking on both tags and data
•
Level 3 (L3) cache interface (not implemented on MPC7447)
— Provides critical double-word forwarding to the requesting unit
— Internal L3 cache controller and tags
— External data SRAMs
— Support for 1-, 2-, and 4-Mbyte (MB) total SRAM space
— Support for 1- or 2-MB of cache space
— Cache write-back or write-through operation programmable on a per-page or per-block basis
— 64-byte (1-MB) or 128-byte (2-MB) sectored line size
— Private memory capability for half (1 MB minimum) or all of the L3 SRAM space for a total
of 1-, 2-, or 4-MB of private memory
— Supports MSUG2 dual data rate (DDR) synchronous burst SRAMs, PB2 pipelined
synchronous burst SRAMs, and pipelined (register-register) late write synchronous burst
SRAMs
— Supports parity on cache and tags
— Configurable core-to-L3 frequency divisors
— 64-bit external L3 data bus sustains 64 bits per L3 clock cycle
•
Separate memory management units (MMUs) for instructions and data
— 52-bit virtual address; 32- or 36-bit physical address
— Address translation for 4-Kbyte pages, variable-sized blocks, and 256-Mbyte segments
— Memory programmable as write-back/write-through, caching-inhibited/caching-allowed, and
memory coherency enforced/memory coherency not enforced on a page or block basis
— Separate IBATs and DBATs (eight each) also defined as SPRs
— Separate instruction and data translation lookaside buffers (TLBs)
– Both TLBs are 128-entry, two-way set associative, and use LRU replacement algorithm
– TLBs are hardware- or software-reloadable (that is, on a TLB miss a page table search is
performed in hardware or by system software)
•
Efficient data flow
— Although the VR/LSU interface is 128 bits, the L1/L2/L3 bus interface allows up to 256 bits
— The L1 data cache is fully pipelined to provide 128 bits/cycle to or from the VRs
— L2 cache is fully pipelined to provide 256 bits per processor clock cycle to the L1 cache
— As many as eight outstanding, out-of-order, cache misses are allowed between the L1 data
cache and L2/L3 bus
— As many as 16 out-of-order transactions can be present on the MPX bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com