Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7457 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MPC7457
Description  Microprocessor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MPC7457 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 71 page
background image
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 8
Package Description
Freescale Semiconductor
48
8.5
Mechanical Dimensions for the MPC7457, 483 CBGA or
RoHS BGA
Figure 22 provides the mechanical dimensions and bottom surface nomenclature for the MPC7457, 483
CBGA package.
Figure 22. Mechanical Dimensions and Bottom Surface Nomenclature for the MPC7457,
483 CBGA
or RoHS BGA Package
0.2
2X
NOTES:
1. DIMENSIONING AND
TOLERANCING
PER ASME Y14.5M, 1994.
2. DIMENSIONS IN
MILLIMETERS.
3. TOP SIDE A1 CORNER
INDEX IS A METALIZED
FEATURE WITH VARIOUS
SHAPES. BOTTOM SIDE.
A1 CORNER IS
DESIGNATED WITH A BALL
MISSING FROM THE
ARRAY.
D
A1 CORNER
E
e
0.2
2X
C
B
1 23456789 10 11 12 13 14 15 16
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
A
A1
A2
A
0.15 A
17 18 19
U
W
V
Millimeters
DIM
MIN
MAX
A
2.72
3.20
A1
0.80
1.00
A2
1.10
1.30
A3
--
0.60
b
0.82
0.93
D
29.00 BSC
D1
—
12.5
D2
8.5
—
D3
—
8.4
D4
10.9
11.1
e
1.27 BSC
E
29.00 BSC
E1
—
12.5
E2
8.5
—
E3
—
8.4
E4
9.55
9.75
C
A
483X
B
0.3
A
0.15
b
2021 22
Y
AA
AB
Capacitor Region
D1
D3
E1
E3
D2
E2
A3
D4
E4
0.35 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com