Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7457 Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # MPC7457
Description  Microprocessor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457 Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MPC7457 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 71 page
background image
System Design Information
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 8
Freescale Semiconductor
61
Tyco Electronics
800-522-6752
Chip Coolers™
P.O. Box 3668
Harrisburg, PA 17105-3668
Internet: www.chipcoolers.com
Wakefield Engineering
603-635-5102
33 Bridge St.
Pelham, NH 03076
Internet: www.wakefield.com
Ultimately, the final selection of an appropriate heat sink depends on many factors, such as thermal
performance at a given air velocity, spatial volume, mass, attachment method, assembly, and cost.
9.8.1
Internal Package Conduction Resistance
For the exposed-die packaging technology, shown in Table 5, the intrinsic conduction thermal resistance
paths are as follows:
•
The die junction-to-case (actually top-of-die since silicon die is exposed) thermal resistance
•
The die junction-to-ball thermal resistance
Figure 28 depicts the primary heat transfer path for a package with an attached heat sink mounted to a
printed-circuit board.
Figure 28. C4 Package with Heat Sink Mounted to a Printed-Circuit Board
Heat generated on the active side of the chip is conducted through the silicon, through the heat sink attach
material (or thermal interface material), and finally to the heat sink where it is removed by forced-air
convection.
Because the silicon thermal resistance is quite small, for a first-order analysis, the temperature drop in the
silicon may be neglected. Thus, the thermal interface material and the heat sink conduction/convective
thermal resistances are the dominant terms.
External Resistance
External Resistance
Internal Resistance
Radiation
Convection
Radiation
Convection
Heat Sink
Printed-Circuit Board
Thermal Interface Material
Package/Leads
Die Junction
Die/Package
(Note the internal versus external package resistance.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com