Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7457 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC7457
Description  Microprocessor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC7457 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 71 page
background image
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 8
Electrical and Thermal Characteristics
Freescale Semiconductor
14
Table 4 provides the recommended operating conditions for the MPC7457.
Table 5 provides the package thermal characteristics for the MPC7457.
Table 4. Recommended Operating Conditions 1
Characteristic
Symbol
Recommended Value
Unit
Notes
Min
Max
Core supply voltage
VDD
1.3 V ± 50 mV
V
PLL supply voltage
AVDD
1.3 V ± 50 mV
V
2
Processor bus supply voltage
BVSEL = 0
OVDD
1.8 V ± 5%
V
BVSEL = HRESET or OVDD
OVDD
2.5 V ± 5%
V
L3 bus supply voltage
L3VSEL = 0
GVDD
1.8 V ± 5%
V
L3VSEL = HRESET or GVDD
GVDD
2.5 V ± 5%
V
L3VSEL = ¬HRESET
GVDD
1.5 V ± 5%
V
3
Input voltage
Processor bus
Vin
GND
OVDD
V
L3 bus
Vin
GND
GVDD
V
JTAG signals
Vin
GND
OVDD
V
Die-junction temperature
Tj
0105
°C
Notes:
1. These are the recommended and tested operating conditions. Proper device operation outside of these conditions is not
guaranteed.
2. This voltage is the input to the filter discussed in Section 9.2, “PLL Power Supply Filtering,” and not necessarily the voltage
at the AVDD pin, which may be reduced from VDD by the filter.
3. ¬HRESET is the inverse of HRESET.
Table 5. Package Thermal Characteristics 1
Characteristic
Symbol
Value
Unit
Notes
MPC7447
MPC7457
Junction-to-ambient thermal resistance, natural convection
RθJA
22
20
°C/W
2, 3
Junction-to-ambient thermal resistance, natural convection,
four-layer (2s2p) board
RθJMA
14
14
°C/W
2, 4
Junction-to-ambient thermal resistance, 200 ft/min airflow,
single-layer (1s) board
RθJMA
16
15
°C/W
2, 4
Junction-to-ambient thermal resistance, 200 ft/min airflow,
four-layer (2s2p) board
RθJMA
11
11
°C/W
2, 4
Junction-to-board thermal resistance
RθJB
66
°C/W
5
Junction-to-case thermal resistance
RθJC
<0.1
<0.1
°C/W
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com