Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344J Datasheet(PDF) 140 Page - List of Unclassifed Manufacturers

Part # ML7344J
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J Datasheet(HTML) 140 Page - List of Unclassifed Manufacturers

Back Button ML7344J Datasheet HTML 136Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 137Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 138Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 139Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 140Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 141Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 142Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 143Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 144Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
140/151
■Registers
●Register map
It is consist of 4 banks, BANK0, BANK1, BANK2 and BANK3. Each BANK has address space of 0x00 to 0x7F,
128 byte in total.
The space shown as gray highlighted part is not implemented in LSI or reserved bits. Reserved bits may be
assigned closed function. Please use default values to reserved bits, when write a register which contains reserved
bits. Regarding reserved register, access is inhibited. BANK3 is closed BANK, then access is limited..
Transition between banks can be controlled by bit 3-0 ( BANK[3:0] ) of [BANK_SEL] register.
: Implemented as functionable register
: Impelemted as reserved bits
BANK0
Bit
Address
Symbol
(# test register)
7
6
5
4
3
2
1
0
Description
0x00
BANK_SEL
Register access bank selection
0x01
RST_SET
Software reset setting
0x02
CLK_SET1
Clock configuration 1
0x03
CLK_SET2
Clock configuration 2
0x04
PKT_CTRL1
Packet configuration 1
0x05
PKT_CTRL2
Packet configuration 2
0x06
DRATE_SET
Data rate setting
0x07
DATA_SET1
TX/RX data configuration 1
0x08
DATA_SET2
TX/RX data configuration 2
0x09
CH_SET
RF channel setting
0x0A
RF_STATUS_CTRL
RF auto status transition control
0x0B
RF_STATUS
RF state setting and status indication
0x0C
DIO_SET
DIO mode configuration
0x0D
INT_SOURCE_GRP1
Interrupt status for INT0 to INT7
0x0E
INT_SOURCE_GRP2
Interrupt status for INT8 to INT15 (RX)
0x0F
INT_SOURCE_GRP3
Interrupt status for INT16 to INT23 (TX)
0x10
INT_EN_GRP1
Interrupt mask for INT0 to INT7
0x11
INT_EN_GRP2
Interrupt mask for INT8 to INT15
0x12
INT_EN_GRP3
Interrupt mask for INT16 to INT23
0x13
CRC_ERR_H
CRC error status (high byte)
0x14
CRC_ERR_M
CRC error status (middle byte)
0x15
CRC_ERR_L
CRC error status (low byte)
0x16
STATE_CLR
State clear control
0x17
TXFIFO_THRH
TX FIFO-Full level setting
0x18
TXFIFO_THRL
TX FIFO-Empty level setting and TX trigger level
setting in FAST_TX mode
0x19
RXFIFO_THRH
RX FIFO-Full level setting
0x1A
RXFIFO_THRL
RX FIFO-Empty level setting
0x1B
C_CHECK_CTRL
Control field (C-field) detection setting
0x1C
M_CHECK_CTRL
Manufacture ID field (M-field) detection setting
0x1D
A_CHECK_CTRL
Address field (A-Field) detection setting
0x1E
C_FIELD_CODE1
C-field setting code #1
0x1F
C_FIELD_CODE2
C-field setting code #2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com