Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344J Datasheet(PDF) 142 Page - List of Unclassifed Manufacturers

Part # ML7344J
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J Datasheet(HTML) 142 Page - List of Unclassifed Manufacturers

Back Button ML7344J Datasheet HTML 138Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 139Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 140Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 141Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 142Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 143Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 144Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 145Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 146Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
142/151
BANK0 (continued)
Bit
Address
Symbol
(# test register)
7
6
5
4
3
2
1
0
Description
0x50
GPIO2_CTRL
GPIO2 pin (pin #18) configuration setting
0x51
GPIO3_CTRL
GPIO3 pin (pin #19) configuration setting
0x52
EXTCLK_CTRL
EXT_CLK pin (pin #10) configuration setting
0x53
SPI/EX_PA_CTRL
SPI interface IO configuration/external PA control
setting
0x54
IF_FREQ_H
IF frequency setting (high byte)
0x55
IF_FREQ_L
IF frequency setting (low byte)
0x56-61
Reserved
Reserved
0x62
OSC_ADJ1
Coarse adjustment of load capacitance for oscillation
circuit
0x63
OSC_ADJ2
Fine adjustment of load capacitance for oscillation
circuit
0x64-65
Reserved
Reserved
0x66
RSSI_ADJ
RSSI value adjustment
0x67
PA_MODE
PA mode setting / PA regulator coarse adjustment
0x68
PA_REG_FINE_ADJ
PA regulator fine adjustment
0x69
PA_ADJ
PA gain adjustment
0x6A-6D
Reserved
Reserved
0x6E
VCO_CAL
VCO calibration setting or status indication
0x6F
VCO_CAL_START
VCO calibration execution
0x70
CLK_CAL_SET
Low speed clock calibration control
0x71
CLK_CAL_TIME
Low speed clock calibration time setting
0x72
CLK_CAL_H
Low speed clock calibration result indication
(high byte)
0x73
CLK_CAL_L
Low speed clock calibration result indication
(low byte)
0x74
Reserved
0x75
SLEEP_INT_CLR
Interruption clear setting during SLEEP state
0x76
RF_TEST_MODE
TX test pattern setting
0x77
STM_STATE
State machine status / synchronization status indication
0x78
FIFO_SET
FIFO readout setting
0x79
RX_FIFO_LAST
RX FIFO data usage status indication
0x7A
TX_PKT_LEN_H
Tx packet length setting (high byte)
0x7B
TX_PKT_LEN_L
Tx packet length setting (low byte)
0x7C
WR_TX_FIFO
TX_FIFO
0x7D
RX_PKT_LEN_H
Rx packet length indication (high byte)
0x7E
RX_PKT_LEN_L
Rx packet length indication (low byte)
0x7F
RD_FIFO
FIFO read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com