Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344J Datasheet(PDF) 145 Page - List of Unclassifed Manufacturers

Part # ML7344J
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J Datasheet(HTML) 145 Page - List of Unclassifed Manufacturers

Back Button ML7344J Datasheet HTML 141Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 142Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 143Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 144Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 145Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 146Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 147Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 148Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 149Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
145/151
BANK1 (continued)
Bit
Address
Symbol
(# test register)
7
6
5
4
3
2
1
0
Description
0x50
VCO_CAL_MIN_FL
VCO calibration low limit frequency setting
(F counter low byte)
0x51
VCO_CAL_MAX_N
VCO calibration upper limit frequency setting
0x52
TXVCAL_MIN
TX VCO calibration low limit value indication and
setting
0x53
TXVCAL_MAX
TX VCO calibration upper limit value indication and
setting
0x54
RXVCAL_MIN
RX VCO calibration low limit value indication and
setting
0x55
RXVCAL_MAX
RX VCO calibration upper limit value indication and
setting
0x56
DEMOD_SET0
Demodulator configuration #0
0x57
DEMOD_SET1
Demodulator configuration #1
0x58
DEMOD_SET2
Demodulator configuration #2
0x59
DEMOD_SET3
Demodulator configuration #3
0x5A
DEMOD_SET4
Demodulator configuration #4
0x5B
DEMOD_SET5
Demodulator configuration #5
0x5C
DEMOD_SET6
Demodulator configuration #6
0x5D
DEMOD_SET7
Demodulator configuration #7
0x5E
DEMOD_SET8
Demodulator configuration #8
0x5F
DEMOD_SET9
Demodulator configuration #9
0x60
DEMOD_SET10
Demodulator configuration #10
0x61
Reserved
0x62
ADDR_CHK_CTR_H
Address check counter indication (high 3 bits)
0x63
ADDR_CHK_CTR_L
Address check counter indication (low byte)
0x64
WHT_INIT_H
Whitening initialized state setting (high 1 bit)
0x65
WHT_INIT_L
Whitening initialized state setting (low byte)
0x66
WHT_CFG
Whitening polynomial setting
0x67-7E
Reserved
Reserved
0x7F
ID_CODE
ID code
BANK2
Bit
Address
Symbol
(# test register)
7
6
5
4
3
2
1
0
Description
0x00
BANK_SEL
Register access bank select
0x01-2B
Reserved
Closed register
0x2C
LO_BIAS_IP
Local bias adjustment (I-Phase Positive)
0x2D
LO_BIAS_IN
Local bias adjustment (I-Phase Negative)
0x2E
LO_BIAS_QP
Local bias adjustment (Q-Phase Positive)
0x2F
LO_BIAS_QN
Local bias adjustment (Q-Phase Negative)
0x30-7F
Reserved
Closed register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com