Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JD Datasheet(PDF) 8 Page - Intel Corporation

Part # 80960JD
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JD Datasheet(HTML) 8 Page - Intel Corporation

Back Button 80960JD Datasheet HTML 4Page - Intel Corporation 80960JD Datasheet HTML 5Page - Intel Corporation 80960JD Datasheet HTML 6Page - Intel Corporation 80960JD Datasheet HTML 7Page - Intel Corporation 80960JD Datasheet HTML 8Page - Intel Corporation 80960JD Datasheet HTML 9Page - Intel Corporation 80960JD Datasheet HTML 10Page - Intel Corporation 80960JD Datasheet HTML 11Page - Intel Corporation 80960JD Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
80960JD
4
PRELIMINARY
natively, mark and fmark instructions can generate
trace events explicitly in the instruction stream.
Hardware breakpoint registers are also available to
trap on execution and data addresses.
2.7
Low Power Operation
Intel fabricates the 80960Jx using an advanced sub-
micron manufacturing process. The processor’s sub-
micron topology provides the circuit density for
optimal cache size and high operating speeds while
dissipating modest power. The processor also uses
dynamic power management to turn off clocks to
unused circuits.
Users may program the 80960Jx to enter Halt mode
for maximum power savings. In Halt mode, the
processor core stops completely while the integrated
peripherals continue to function, reducing overall
power requirements up to 90 percent. Processor
execution resumes from internally or externally
generated interrupts.
2.8
Test Features
The 80960Jx incorporates numerous features which
enhance the user’s ability to test both the processor
and the system to which it is attached. These
features include ONCE (On-Circuit Emulation) mode
and Boundary Scan (JTAG).
The 80960Jx provides testability features compatible
with IEEE Standard Test Access Port and Boundary
Scan Architecture (IEEE Std. 1149.1).
One of the boundary scan instructions, HIGHZ,
forces the processor to float all its output pins
(ONCE mode). ONCE mode can also be initiated at
reset without using the boundary scan mechanism.
ONCE mode is useful for board-level testing. This
feature allows a mounted 80960JD to electrically
“remove” itself from a circuit board. This allows for
system-level testing where a remote tester — such
as an in-circuit emulator — can exercise the
processor system.
The provided test logic does not interfere with
component or circuit board behavior and ensures
that components function correctly, connections
between various components are correct, and
various components interact correctly on the printed
circuit board.
The JTAG Boundary Scan feature is an attractive
alternative to conventional “bed-of-nails” testing. It
can examine connections which might otherwise be
inaccessible to a test system.
2.9
Memory-Mapped Control
Registers
The 80960JD, though compliant with i960 series
processor
core,
has
the
added
advantage
of
memory-mapped, internal control registers not found
on the i960 Kx, Sx or Cx processors. These give
software the interface to easily read and modify
internal control registers.
Each of these registers is accessed as a memory-
mapped, 32-bit register. Access is accomplished
through regular memory-format instructions. The
processor ensures that these accesses do not
generate external bus cycles.
2.10
Data Types and Memory
Addressing Modes
As with all i960 family processors, the 80960Jx
instruction set supports several data types and
formats:
• Bit
• Bit fields
• Integer (8-, 16-, 32-, 64-bit)
• Ordinal (8-, 16-, 32-, 64-bit unsigned integers)
• Triple word (96 bits)
• Quad word (128 bits)
The 80960Jx provides a full set of addressing modes
for C and assembly programming:
• Two Absolute modes
• Five Register Indirect modes
• Index with displacement
• IP with displacement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com