Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JD Datasheet(PDF) 4 Page - Intel Corporation

Part # 80960JD
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JD Datasheet(HTML) 4 Page - Intel Corporation

  80960JD Datasheet HTML 1Page - Intel Corporation 80960JD Datasheet HTML 2Page - Intel Corporation 80960JD Datasheet HTML 3Page - Intel Corporation 80960JD Datasheet HTML 4Page - Intel Corporation 80960JD Datasheet HTML 5Page - Intel Corporation 80960JD Datasheet HTML 6Page - Intel Corporation 80960JD Datasheet HTML 7Page - Intel Corporation 80960JD Datasheet HTML 8Page - Intel Corporation 80960JD Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
PRELIMINARY
iv
80960JD
TABLES
Table 1.
80960Jx Instruction Set ................................................................................................................ 5
Table 2.
Pin Description Nomenclature ...................................................................................................... 6
Table 3.
Pin Description — External Bus Signals ...................................................................................... 7
Table 4.
Pin Description — Processor Control Signals, Test Signals and Power ..................................... 10
Table 5.
Pin Description — Interrupt Unit Signals .................................................................................... 12
Table 6.
132-Lead PGA Pinout — In Signal Order ................................................................................... 15
Table 7.
132-Lead PGA Pinout — In Pin Order ....................................................................................... 16
Table 8.
132-Lead PQFP Pinout — In Signal Order ................................................................................ 18
Table 9.
132-Lead PQFP Pinout — In Pin Order ..................................................................................... 19
Table 10.
132-Lead PGA Package Thermal Characteristics ...................................................................... 20
Table 11.
132-Lead PQFP Package Thermal Characteristics ................................................................... 21
Table 12.
80960JD Operating Conditions .................................................................................................. 23
Table 13.
80960JD DC Characteristics ...................................................................................................... 24
Table 14.
80960JD ICC Characteristics ...................................................................................................... 25
Table 15.
80960JD AC Characteristics (50 MHz) ...................................................................................... 26
Table 16.
Note Definitions for Table 15, 80960JD AC Characteristics (50 MHz) ...................................... 28
Table 17.
80960JD AC Characteristics (40 MHz) ...................................................................................... 28
Table 18.
80960JD AC Characteristics (33 MHz) ...................................................................................... 31
Table 19.
Natural Boundaries for Load and Store Accesses ..................................................................... 52
Table 20.
Summary of Byte Load and Store Accesses .............................................................................. 52
Table 21.
Summary of Short Word Load and Store Accesses ................................................................... 52
Table 22.
Summary of n-Word Load and Store Accesses (n = 1, 2, 3, 4) .................................................. 53
Table 23.
80960JD Die and Stepping Reference ....................................................................................... 56
Table 24.
Data Sheet Version -001 to -002 Revision History ..................................................................... 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com