Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JD Datasheet(PDF) 61 Page - Intel Corporation

Part # 80960JD
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JD Datasheet(HTML) 61 Page - Intel Corporation

Back Button 80960JD Datasheet HTML 53Page - Intel Corporation 80960JD Datasheet HTML 54Page - Intel Corporation 80960JD Datasheet HTML 55Page - Intel Corporation 80960JD Datasheet HTML 56Page - Intel Corporation 80960JD Datasheet HTML 57Page - Intel Corporation 80960JD Datasheet HTML 58Page - Intel Corporation 80960JD Datasheet HTML 59Page - Intel Corporation 80960JD Datasheet HTML 60Page - Intel Corporation 80960JD Datasheet HTML 61Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 61 / 61 page
background image
57
PRELIMINARY
80960JD
Table 15, 80960JD AC Characteristics (50
MHz) (pg. 26) Section SYNCHRONOUS
INPUT TIMINGS
TIS2 (min) improved from 10 ns to 9 ns
Table 15, 80960JD AC Characteristics (50
MHz) (pg. 26) Section RELATIVE OUTPUT
TIMINGS
TLXL, TLXA, and TDXD (min) improved from .45TC - 3 ns
to .5T
C - 7.5 ns.
Table 15, 80960JD AC Characteristics (50
MHz) (pg. 26) Section BOUNDARY SCAN
TEST SIGNAL TIMINGS
T
BSF (max) improved from 8 MHz to .5TF. TBSIS1 (min)
improved from 8 ns to 4 ns. TBSIH1 (min) improved from
10 ns to 6 ns. TBSIS2 (min) improved from 8 ns to 4 ns.
T
BSIH2 (min) improved from 10 ns to 6 ns.
Table 24. Data Sheet Version -001 to -002 Revision History (Sheet 2 of 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com