Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JD Datasheet(PDF) 27 Page - Intel Corporation

Part # 80960JD
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JD Datasheet(HTML) 27 Page - Intel Corporation

Back Button 80960JD Datasheet HTML 23Page - Intel Corporation 80960JD Datasheet HTML 24Page - Intel Corporation 80960JD Datasheet HTML 25Page - Intel Corporation 80960JD Datasheet HTML 26Page - Intel Corporation 80960JD Datasheet HTML 27Page - Intel Corporation 80960JD Datasheet HTML 28Page - Intel Corporation 80960JD Datasheet HTML 29Page - Intel Corporation 80960JD Datasheet HTML 30Page - Intel Corporation 80960JD Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 61 page
background image
80960JD
PRELIMINARY
23
4.0
ELECTRICAL SPECIFICATIONS
4.1
Absolute Maximum Ratings
Parameter
Maximum Rating
Storage Temperature .............................. –65° C to +150° C
Case Temperature Under Bias ............... –65° C to +110° C
Supply Voltage wrt. VSS.............................. –0.5V to + 4.6V
Voltage on Other Pins wrt. VSS........... –0.5V to VCC + 0.5V
NOTICE: This data sheet contains preliminary information
on new products in production. The specifications are
subject to change without notice.
WARNING: Stressing the device beyond the “Abso-
lute Maximum Ratings” may cause permanent
damage. These are stress ratings only. Operation
beyond the “Operating Conditions” is not recom-
mended and extended exposure beyond the “Oper-
ating Conditions” may affect device reliability.
4.2
Operating Conditions
Table 12. 80960JD Operating Conditions
Symbol
Parameter
Min
Max
Units
Notes
VCC
Supply Voltage
80960JD-50
80960JD-40
80960JD-33
4.75
4.75
4.75
5.25
5.25
5.25
V
fCLKIN
Input Clock Frequency
80960JD-50
80960JD-40
80960JD-33
8
8
8
25
20
16.67
MHz
TC
Operating Case Temperature
A80960JD-50 (132 PGA)
A80960JD-40 (132 PGA)
A80960JD-33 (132 PGA)
NG80960JD-40 (132 PQFP)
NG80960JD-33 (132 PQFP)
0
0
0
0
0
85
100
100
100
100
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com