Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JD Datasheet(PDF) 22 Page - Intel Corporation

Part # 80960JD
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JD Datasheet(HTML) 22 Page - Intel Corporation

Back Button 80960JD Datasheet HTML 18Page - Intel Corporation 80960JD Datasheet HTML 19Page - Intel Corporation 80960JD Datasheet HTML 20Page - Intel Corporation 80960JD Datasheet HTML 21Page - Intel Corporation 80960JD Datasheet HTML 22Page - Intel Corporation 80960JD Datasheet HTML 23Page - Intel Corporation 80960JD Datasheet HTML 24Page - Intel Corporation 80960JD Datasheet HTML 25Page - Intel Corporation 80960JD Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
18
PRELIMINARY
80960JD
Table 8. 132-Lead PQFP Pinout — In Signal Order
Signal
Pin
Signal
Pin
Signal
Pin
Signal
Pin
AD31
60
ALE
24
VCC (Core)
47
VSS (I/O)
10
AD30
61
ADS
36
VCC (Core)
59
VSS (I/O)
27
AD29
62
A3
33
V
CC (Core)
74
V
SS (I/O)
40
AD28
63
A2
32
VCC (Core)
92
VSS (I/O)
48
AD27
66
BE3
55
VCC (Core)
113
VSS (I/O)
56
AD26
68
BE2
54
V
CC (Core)
115
V
SS (I/O)
64
AD25
69
BE1
53
VCC (Core)
123
VSS (I/O)
71
AD24
70
BE0
52
VCC (I/O)
9
VSS (I/O)
79
AD23
75
WIDTH/HLTD1
28
V
CC (I/O)
26
V
SS (I/O)
85
AD22
76
WIDTH/HLTD0
31
VCC (I/O)
41
VSS (I/O)
93
AD21
77
D/C
35
VCC (I/O)
49
VSS (I/O)
97
AD20
78
W/R
37
V
CC (I/O)
57
V
SS (I/O)
106
AD19
81
DT/R
42
VCC (I/O)
65
VSS (I/O)
112
AD18
82
DEN
43
VCC (I/O)
72
VSS (I/O)
131
AD17
83
BLAST
34
V
CC (I/O)
80
NC
18
AD16
84
RDYRCV
132
VCC (I/O)
86
NC
19
AD15
87
LOCK/ONCE
50
VCC (I/O)
94
NC
20
AD14
88
HOLD
4
V
CC (I/O)
98
NC
21
AD13
89
HOLDA
44
VCC (I/O)
105
NC
22
AD12
90
BSTAT
51
VCC (I/O)
111
NC
67
AD11
95
CLKIN
117
V
CC (I/O)
129
NC
121
AD10
96
RESET
125
VCCPLL
119
NC
122
AD9
99
STEST
128
VSS (CLK)
118
NC
126
AD8
100
FAIL
23
V
SS (Core)
17
NC
127
AD7
101
TCK
2
VSS (Core)
30
XINT7
14
AD6
102
TDI
130
VSS (Core)
38
XINT6
13
AD5
103
TDO
25
V
SS (Core)
46
XINT5
12
AD4
104
TRST
1
VSS (Core)
58
XINT4
11
AD3
107
TMS
3
VSS (Core)
73
XINT3
8
AD2
108
V
CC (CLK)
120
V
SS (Core)
91
XINT2
7
AD1
109
VCC (Core)
16
VSS (Core)
114
XINT1
6
AD0
110
VCC (Core)
29
VSS (Core)
116
XINT0
5
ALE
45
V
CC (Core)
39
V
SS (Core)
124
NMI
15
NOTE: Do not connect any external logic to pins marked NC (no connect pins).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com