Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JD Datasheet(PDF) 10 Page - Intel Corporation

Part # 80960JD
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JD Datasheet(HTML) 10 Page - Intel Corporation

Back Button 80960JD Datasheet HTML 6Page - Intel Corporation 80960JD Datasheet HTML 7Page - Intel Corporation 80960JD Datasheet HTML 8Page - Intel Corporation 80960JD Datasheet HTML 9Page - Intel Corporation 80960JD Datasheet HTML 10Page - Intel Corporation 80960JD Datasheet HTML 11Page - Intel Corporation 80960JD Datasheet HTML 12Page - Intel Corporation 80960JD Datasheet HTML 13Page - Intel Corporation 80960JD Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
80960JD
6
PRELIMINARY
3.0
PACKAGE INFORMATION
The 80960JD is offered in several speed and
package types. The 132-pin Pin Grid Array (PGA)
device
will
be
specified
for
operation
at
Vcc = 5.0 V ± 5% over a case temperature range of
0° to 85°C:
• A80960JD-50 (50 MHz core, 25 MHz bus)
The 132-pin Pin Grid Array (PGA) device will be
specified for operation at Vcc = 5.0 V ± 5% over a
case temperature range of 0° to 100°C:
• A80960JD-40 (40 MHz core, 20 MHz bus)
• A80960JD-33 (33.33 MHz core, 16.67 MHz bus)
The 132-pin Plastic Quad Flatpack (PQFP) devices
will be specified for operation at Vcc = 5.0 V ± 5%
over a case temperature range of 0° to 100°C:
• NG80960JD-40 (40 MHz core, 20 MHz bus)
• NG80960JD-33 (33.33 MHz core, 16.67 MHz bus)
For complete package specifications and infor-
mation, refer to Intel’s Packaging Handbook
(240800).
3.1
Pin Descriptions
This section describes the pins for the 80960JD in
the 132-pin ceramic Pin Grid Array (PGA) package
and
132-lead
Plastic
Quad
Flatpack
Package
(PQFP).
Section
3.1.1,
Functional
Pin
Definitions
describes pin function; Section 3.1.2, 80960Jx 132-
Lead PGA Pinout and Section 3.1.3, 80960Jx
PQFP Pinout define the signal and pin locations for
the supported package types.
3.1.1
Functional Pin Definitions
Table 2 presents the legend for interpreting the pin
descriptions which follow. Pins associated with the
bus interface are described in Table 3. Pins
associated with basic control and test functions are
described in Table 4. Pins associated with the
Interrupt Unit are described in Table 5.
Table 2. Pin Description Nomenclature
Symbol
Description
I
Input pin only.
O
Output pin only.
I/O
Pin can be either an input or output.
–
Pin must be connected as described.
S
Synchronous. Inputs must meet setup
and hold times relative to CLKIN for
proper operation.
S(E) Edge sensitive input
S(L) Level sensitive input
A (...)
Asynchronous. Inputs may be
asynchronous relative to CLKIN.
A(E) Edge sensitive input
A(L) Level sensitive input
R (...)
While the processor’s RESET pin is
asserted, the pin:
R(1) is driven to VCC
R(0) is driven to VSS
R(Q) is a valid output
R(X) is driven to unknown state
R(H) is pulled up to VCC
H (...)
While the processor is in the hold state,
the pin:
H(1) is driven to V
CC
H(0) is driven to V
SS
H(Q) Maintains previous state or
continues to be a valid output
H(Z) Floats
P (...)
While the processor is halted, the pin:
P(1) is driven to VCC
P(0) is driven to VSS
P(Q) Maintains previous state or
continues to be a valid output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com