Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JD Datasheet(PDF) 60 Page - Intel Corporation

Part # 80960JD
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JD Datasheet(HTML) 60 Page - Intel Corporation

Back Button 80960JD Datasheet HTML 53Page - Intel Corporation 80960JD Datasheet HTML 54Page - Intel Corporation 80960JD Datasheet HTML 55Page - Intel Corporation 80960JD Datasheet HTML 56Page - Intel Corporation 80960JD Datasheet HTML 57Page - Intel Corporation 80960JD Datasheet HTML 58Page - Intel Corporation 80960JD Datasheet HTML 59Page - Intel Corporation 80960JD Datasheet HTML 60Page - Intel Corporation 80960JD Datasheet HTML 61Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 60 / 61 page
background image
56
PRELIMINARY
80960JD
6.0
DEVICE IDENTIFICATION
80960JD processors may be identified electrically according to device type and stepping (see Table 23). The
32-bit identifier is accessible in three ways:
• Upon reset, the identifier is placed into the g0 register.
• The identifier may be accessed from supervisor mode at any time by reading the DEVICEID register at
address FF008710H.
• The IEEE Standard 1149.1 Test Access Port may select the DEVICE ID register through the IDCODE
instruction.
The device and stepping letter is also printed on the top side of the product package.
NOTE:
This data sheet applies to the 80960JD A and 80960JD A2 steppings.
7.0
REVISION HISTORY
This data sheet supersedes revision 272596-001. Table 24 indicates significant changes since the previous
revision.
Table 23. 80960JD Die and Stepping Reference
Device and
Stepping
Version
Number
Part Number
Manufacturer
X
Complete ID
(Hex)
80960JD A, A2
0000
1000 1000 0010 0000
0000 0001 001
1
08820013
Table 24. Data Sheet Version -001 to -002 Revision History (Sheet 1 of 2)
Table 13, 80960JD DC Characteristics (pg. 24) Removed Icc characteristics. Added VOLP (output
ground bounce) specification
Table 14, 80960JD ICC Characteristics (pg.
25)
New table for comprehensible Icc characteristics.
Added Icc’s for reset mode. Halt Icc for: 80960JD-50
(max) improved from 56 mA to 48 mA, 80960JD-40
(max) improved from 44 mA to 41mA. ONCE Icc
Improved from 30 mA to 10 mA.
Section 4.5, AC Specifications (pg. 26)
Grouped AC Specifications tables by frequency. Added
40 MHz and 33 MHz AC specifications.
Table 15, 80960JD AC Characteristics (50
MHz) (pg. 26) Section INPUT CLOCK
TIMINGS
TCS (max) improved from ±0.1% to ±250 ps
Table 15, 80960JD AC Characteristics (50
MHz) (pg. 26) Section SYNCHRONOUS
OUTPUT TIMINGS
T
ov1 (min) improved from 3.0 ns to 3.5 ns. Tov2 (min)
improved from 0.45TC + 3.0 ns to 0.5TC + 3.5 ns. ToF
(min) improved from 3.0 ns to 3.5 ns. ToF (max)
improved from 17 ns to 15 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com