Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JD Datasheet(PDF) 46 Page - Intel Corporation

Part # 80960JD
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JD Datasheet(HTML) 46 Page - Intel Corporation

Back Button 80960JD Datasheet HTML 42Page - Intel Corporation 80960JD Datasheet HTML 43Page - Intel Corporation 80960JD Datasheet HTML 44Page - Intel Corporation 80960JD Datasheet HTML 45Page - Intel Corporation 80960JD Datasheet HTML 46Page - Intel Corporation 80960JD Datasheet HTML 47Page - Intel Corporation 80960JD Datasheet HTML 48Page - Intel Corporation 80960JD Datasheet HTML 49Page - Intel Corporation 80960JD Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 61 page
background image
42
PRELIMINARY
80960JD
5.0
BUS FUNCTIONAL WAVEFORMS
Figures 25 through 30 illustrate typical 80960JD bus transactions. Figure 31 depicts the bus arbitration
sequence. Figure 32 illustrates the processor reset sequence from the time power is applied to the device.
Figure 33 illustrates the processor reset sequence when the processor is in operation. Figure 34 illustrates the
processor ONCE sequence from the time power is applied to the device. Figures 35 and 36 also show
accesses on 32-bit buses. Tables 19 through 22 summarize all possible combinations of bus accesses across
8-, 16-, and 32-bit buses according to data alignment.
Figure 25. Non-Burst Read and Write Transactions Without Wait States, 32-Bit Bus
CLKIN
AD31:0
ALE
ADS
A3:2
BE3:0
WIDTH1:0
D/C
W/R
DT/R
DEN
RDYRCV
BLAST
ADDR
D
In
Invalid
ADDR
DATA Out
10
10
Ta
Td
Tr
Ti
T i
Ta
Td
Tr
T i
Ti
F_JF030A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com