Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JD Datasheet(PDF) 31 Page - Intel Corporation

Part # 80960JD
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JD Datasheet(HTML) 31 Page - Intel Corporation

Back Button 80960JD Datasheet HTML 27Page - Intel Corporation 80960JD Datasheet HTML 28Page - Intel Corporation 80960JD Datasheet HTML 29Page - Intel Corporation 80960JD Datasheet HTML 30Page - Intel Corporation 80960JD Datasheet HTML 31Page - Intel Corporation 80960JD Datasheet HTML 32Page - Intel Corporation 80960JD Datasheet HTML 33Page - Intel Corporation 80960JD Datasheet HTML 34Page - Intel Corporation 80960JD Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 61 page
background image
PRELIMINARY
27
80960JD
RELATIVE OUTPUT TIMINGS
TLXL
ALE/ALE Width
0.5T
C - 7.5
ns
(9)
T
LXA
Address Hold from ALE/ALE
Inactive
Equal Loading (9)
TDXD
DT/R Valid to DEN Active
Equal Loading (9)
BOUNDARY SCAN TEST SIGNAL TIMINGS
T
BSF
TCK Frequency
0.5T
F
MHz
TBSCH
TCK High Time
15
ns
Measured at 1.5 V (1)
TBSCL
TCK Low Time
15
ns
Measured at 1.5 V (1)
T
BSCR
TCK Rise Time
5
ns
0.8 V to 2.0 V (1)
TBSCF
TCK Fall Time
5
ns
2.0 V to 0.8 V (1)
TBSIS1
Input Setup to TCK — TDI, TMS
4
ns
T
BSIH1
Input Hold from TCK — TDI,
TMS
6
ns
TBSOV1
TDO Valid Delay
3
30
ns
(1,10)
TBSOF1
TDO Float Delay
3
30
ns
(1,10)
T
BSOV2
All Outputs (Non-Test) Valid
Delay
3
30
ns
(1,10)
TBSOF2
All Outputs (Non-Test) Float
Delay
3
30
ns
(1,10)
TBSIS2
Input Setup to TCK — All Inputs
(Non-Test)
4
ns
T
BSIH2
Input Hold from TCK — All
Inputs (Non-Test)
6
ns
Table 15. 80960JD AC Characteristics (50 MHz) (Sheet 2 of 2)
Symbol
Parameter
Min
Max
Units
Notes
NOTE:
See Table 16 on page 28 for note definitions for this table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com