Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JD Datasheet(PDF) 29 Page - Intel Corporation

Part # 80960JD
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JD Datasheet(HTML) 29 Page - Intel Corporation

Back Button 80960JD Datasheet HTML 25Page - Intel Corporation 80960JD Datasheet HTML 26Page - Intel Corporation 80960JD Datasheet HTML 27Page - Intel Corporation 80960JD Datasheet HTML 28Page - Intel Corporation 80960JD Datasheet HTML 29Page - Intel Corporation 80960JD Datasheet HTML 30Page - Intel Corporation 80960JD Datasheet HTML 31Page - Intel Corporation 80960JD Datasheet HTML 32Page - Intel Corporation 80960JD Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
PRELIMINARY
25
80960JD
Table 14. 80960JD ICC Characteristics
Symbol
Parameter
Typ
Max
Units
Notes
ILI1
Input Leakage Current for
each pin except TCK, TDI,
TRST and TMS
± 1
µA
0
≤ V
IN ≤ VCC
ILI2
Input Leakage Current for
TCK, TDI, TRST and TMS
-140
-250
µA
VIN = 0.45V (1)
ILO
Output Leakage Current
± 1
µA
0.4
≤ V
OUT ≤ VCC
ICC Active
(Power Supply)
80960JD-50
80960JD-40
80960JD-33
640
530
450
mA
(2,3)
(2,3)
(2,3)
I
CC Active
(Thermal)
80960JD-50
80960JD-40
80960JD-33
525
430
365
mA
(2,4)
(2,4)
(2,4)
ICC Test
(Power modes)
Reset mode
80960JD-50
80960JD-40
80960JD-33
Halt mode
80960JD-50
80960JD-40
80960JD-33
ONCE mode
510
430
370
48
41
36
10
mA
(5)
(5)
(5)
(5)
(5)
(5)
(5)
NOTES:
1. These pins have internal pullup devices. Typical leakage current is not tested.
2. Measured with device operating and outputs loaded to the test condition in Figure 8, AC Test Load (pg.
33).
3. ICC Active (Power Supply) value is provided for selecting your system’s power supply. It is measured
using one of the worst case instruction mixes with VCC = 5.25V. This parameter is characterized but not
tested.
4. I
CC Active (Thermal) value is provided for your system’s thermal management. Typical ICC is measured
with V
CC = 5.0V and temperature = 25° C. This parameter is characterized but not tested.
5. ICC Test (Power modes) refers to the ICC values that are tested when the 80960JD is in Reset mode,
Halt mode or ONCE mode with VCC = 5.25V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com