Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JD Datasheet(PDF) 26 Page - Intel Corporation

Part # 80960JD
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JD Datasheet(HTML) 26 Page - Intel Corporation

Back Button 80960JD Datasheet HTML 22Page - Intel Corporation 80960JD Datasheet HTML 23Page - Intel Corporation 80960JD Datasheet HTML 24Page - Intel Corporation 80960JD Datasheet HTML 25Page - Intel Corporation 80960JD Datasheet HTML 26Page - Intel Corporation 80960JD Datasheet HTML 27Page - Intel Corporation 80960JD Datasheet HTML 28Page - Intel Corporation 80960JD Datasheet HTML 29Page - Intel Corporation 80960JD Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 61 page
background image
22
PRELIMINARY
80960JD
Figure 7. 40 MHz Maximum Allowable Ambient Temperature
AIRFLOW (ft/min)
85
80
75
70
65
60
55
50
0
50
100
200
300
400
500
600
700
PGA with no heatsink
PGA with omnidirectional heatsink
PGA with unidirectional heatsink
45
40
PQFP
800
3.3
Thermal Management
Accessories
The following is a list of suggested sources for
80960JD thermal solutions. This is neither an
endorsement or a warranty of the performance of
any of the listed products and/or companies.
Heatsinks
1. Thermalloy, Inc.
2021 West Valley View Lane
Dallas, TX 75234-8993
(214) 243-4321 FAX: (214) 241-4656
2. Wakefield Engineering
60 Audubon Road
Wakefield, MA 01880
(617) 245-5900
3. Aavid Thermal Technologies, Inc.
One Kool Path
Laconia, NH 03247-0400
(603) 528-3400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com