Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JD Datasheet(PDF) 30 Page - Intel Corporation

Part # 80960JD
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JD Datasheet(HTML) 30 Page - Intel Corporation

Back Button 80960JD Datasheet HTML 26Page - Intel Corporation 80960JD Datasheet HTML 27Page - Intel Corporation 80960JD Datasheet HTML 28Page - Intel Corporation 80960JD Datasheet HTML 29Page - Intel Corporation 80960JD Datasheet HTML 30Page - Intel Corporation 80960JD Datasheet HTML 31Page - Intel Corporation 80960JD Datasheet HTML 32Page - Intel Corporation 80960JD Datasheet HTML 33Page - Intel Corporation 80960JD Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 61 page
background image
26
PRELIMINARY
80960JD
4.5
AC Specifications
The 80960JD AC timings are based upon device characterization.
Table 15. 80960JD AC Characteristics (50 MHz) (Sheet 1 of 2)
Symbol
Parameter
Min
Max
Units
Notes
INPUT CLOCK TIMINGS
TF
CLKIN Frequency
8
25
MHz
TC
CLKIN Period
40
125
ns
T
CS
CLKIN Period Stability
± 250
ps
(1, 2)
TCH
CLKIN High Time
16
ns
Measured at 1.5 V (1)
TCL
CLKIN Low Time
16
ns
Measured at 1.5 V (1)
T
CR
CLKIN Rise Time
25
ns
0.8 V to 2.0 V (1)
TCF
CLKIN Fall Time
5
ns
2.0 V to 0.8 V (1)
SYNCHRONOUS OUTPUT TIMINGS
T
OV1
Output Valid Delay, Except
ALE/ALE Inactive and DT/R
3.5
17
ns
(3)
TOV2
Output Valid Delay, DT/R
0.5TC + 3.5
0.5TC + 17
ns
TOF
Output Float Delay
3.5
15
ns
(4)
SYNCHRONOUS INPUT TIMINGS
TIS1
Input Setup to CLKIN —
AD31:0, NMI, XINT7:0
8
ns
(5)
TIH1
Input Hold from CLKIN —
AD31:0, NMI, XINT7:0
2
ns
(5)
T
IS2
Input Setup to CLKIN —
RDYRCV and HOLD
9
ns
(6)
TIH2
Input Hold from CLKIN —
RDYRCV and HOLD
1
ns
(6)
TIS3
Input Setup to CLKIN —
RESET
8
ns
(7)
T
IH3
Input Hold from CLKIN —
RESET
2
ns
(7)
TIS4
Input Setup to RESET —
ONCE, STEST
8
ns
(8)
TIH4
Input Hold from RESET —
ONCE, STEST
2
ns
(8)
NOTE:
See Table 16 on page 28 for note definitions for this table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com