Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JD Datasheet(PDF) 24 Page - Intel Corporation

Part # 80960JD
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JD Datasheet(HTML) 24 Page - Intel Corporation

Back Button 80960JD Datasheet HTML 20Page - Intel Corporation 80960JD Datasheet HTML 21Page - Intel Corporation 80960JD Datasheet HTML 22Page - Intel Corporation 80960JD Datasheet HTML 23Page - Intel Corporation 80960JD Datasheet HTML 24Page - Intel Corporation 80960JD Datasheet HTML 25Page - Intel Corporation 80960JD Datasheet HTML 26Page - Intel Corporation 80960JD Datasheet HTML 27Page - Intel Corporation 80960JD Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
80960JD
20
PRELIMINARY
3.2
Package Thermal Specifications
The 80960JD is specified for operation when T
C
(case temperature) is within the range of 0°C to 85°C
for the (PGA) 80960JD-50, or 0°C to 100°C for the
(PQFP and PGA) 80960JD-40 and 80960JD-33.
Case
temperature
may
be
measured
in
any
environment to determine whether the 80960JD is
within specified operating range. The case temper-
ature should be measured at the center of the top
surface, opposite the pins.
θ
CA is the thermal resistance from case to ambient.
Use the following equation to calculate TA, the
maximum ambient temperature to conform to a
particular case temperature:
TA = TC - P (θCA)
Junction temperature (T
J)
is commonly used in
reliability calculations. T
J can be calculated from θJC
(thermal resistance from junction to case) using the
following equation:
T
J = TC + P (θJC)
Similarly, if TA is known, the corresponding case
temperature (TC) can be calculated as follows:
TC = TA + P (θCA)
Compute P by multiplying I
CC from Table 14 and
V
CC. Values for θJC and θCA are given in Table 10 for
the PGA package and Table 11 for the PQFP
package. For high speed operation, the processor’s
θ
JA
may be significantly reduced by adding a
heatsink and/or by increasing airflow.
Figure 6 shows the maximum ambient temperature
(TA) permitted without exceeding TC for the
80960JD-50 in a PGA package. Figure 7 illustrates
this
for
the
80960JD-40
in
PGA
and
PQFP
packages. The curves are based on minimum ICC
(hot) and maximum VCC of +5.25 V, with a TCASE of
+85°C for the 80960JD-50, or a TCASE of +100°C for
the 80960JD-40.
Table 10. 132-Lead PGA Package Thermal Characteristics
Thermal Resistance — °C/Watt
Parameter
Airflow — ft./min (m/sec)
0
(0)
200
(1.01)
400
(2.03)
600
(3.04)
800
(4.06)
1000
(5.08)
θ
JC (Junction-to-Case)
3
3
3
3
3
3
θ
CA (Case-to-Ambient) (No Heatsink)
18
15
12
11
11
11
θ
CA (Case-to-Ambient) (Omnidirectional Heatsink)
15
12
9
8
8
8
θ
CA (Case-to-Ambient) (Unidirectional Heatsink)
14
11
8
7
7
7
NOTES:
1. This table applies to a PGA device plugged into a socket or soldered directly into a board.
2.
θ
JA = θJC + θCA
3.
θ
J-CAP = 4°C/W (approx.)
4.
θ
J-PIN = 4°C/W (inner pins) (approx.)
5.
θ
J-PIN = 8°C/W (outer pins) (approx.)
θ
JC
θ
JA
θ
J-CAP
θ
CA
θ
J-PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com