Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JD Datasheet(PDF) 35 Page - Intel Corporation

Part # 80960JD
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JD Datasheet(HTML) 35 Page - Intel Corporation

Back Button 80960JD Datasheet HTML 31Page - Intel Corporation 80960JD Datasheet HTML 32Page - Intel Corporation 80960JD Datasheet HTML 33Page - Intel Corporation 80960JD Datasheet HTML 34Page - Intel Corporation 80960JD Datasheet HTML 35Page - Intel Corporation 80960JD Datasheet HTML 36Page - Intel Corporation 80960JD Datasheet HTML 37Page - Intel Corporation 80960JD Datasheet HTML 38Page - Intel Corporation 80960JD Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
PRELIMINARY
31
80960JD
Table 18. 80960JD AC Characteristics (33 MHz) (Sheet 1 of 2)
Symbol
Parameter
Min
Max
Units
Notes
INPUT CLOCK TIMINGS
T
F
CLKIN Frequency
8
16.67
MHz
TC
CLKIN Period
60
125
ns
TCS
CLKIN Period Stability
± 250
ps
(1, 2)
T
CH
CLKIN High Time
24
ns
Measured at 1.5 V (1)
TCL
CLKIN Low Time
24
ns
Measured at 1.5 V (1)
TCR
CLKIN Rise Time
8
ns
0.8 V to 2.0 V (1)
T
CF
CLKIN Fall Time
8
ns
2.0 V to 0.8 V (1)
SYNCHRONOUS OUTPUT TIMINGS
TOV1
Output Valid Delay, Except
ALE/ALE Inactive and DT/R
3.5
19
ns
(3)
T
OV2
Output Valid Delay, DT/R
0.5T
C +
3.5
0.5T
C + 19
ns
T
O F
Output Float Delay
3.5
18
ns
(4)
SYNCHRONOUS INPUT TIMINGS
TIS1
Input Setup to CLKIN — AD31:0,
NMI, XINT7:0
8
ns
(5)
T
IH1
Input Hold from CLKIN — AD31:0,
NMI, XINT7:0
2
ns
(5)
TIS2
Input Setup to CLKIN — RDYRCV
and HOLD
9
ns
(6)
TIH2
Input Hold from CLKIN —
RDYRCV and HOLD
1
ns
(6)
T
IS3
Input Setup to CLKIN — RESET
8
ns
(7)
TIH3
Input Hold from CLKIN — RESET
2
ns
(7)
TIS4
Input Setup to RESET — ONCE,
STEST
8
ns
(8)
T
IH4
Input Hold from RESET — ONCE,
STEST
2
ns
(8)
RELATIVE OUTPUT TIMINGS
TLXL
ALE/ALE Width
0.5T
C - 8
ns
(9)
T
LXA
Address Hold from ALE/ALE Inac-
tive
Equal Loading (9)
TDXD
DT/R Valid to DEN Active
Equal Loading (9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com