Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JD Datasheet(PDF) 19 Page - Intel Corporation

Part # 80960JD
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JD Datasheet(HTML) 19 Page - Intel Corporation

Back Button 80960JD Datasheet HTML 15Page - Intel Corporation 80960JD Datasheet HTML 16Page - Intel Corporation 80960JD Datasheet HTML 17Page - Intel Corporation 80960JD Datasheet HTML 18Page - Intel Corporation 80960JD Datasheet HTML 19Page - Intel Corporation 80960JD Datasheet HTML 20Page - Intel Corporation 80960JD Datasheet HTML 21Page - Intel Corporation 80960JD Datasheet HTML 22Page - Intel Corporation 80960JD Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 61 page
background image
PRELIMINARY
15
80960JD
Table 6. 132-Lead PGA Pinout — In Signal Order
Signal
Pin
Signal
Pin
Signal
Pin
Signal
Pin
A2
C5
AD31
K3
TDI
D12
VSS
B9
A3
C4
ADS
A1
TDO
B4
VSS
D2
AD0
M14
ALE
G3
TMS
A14
V
SS
D13
AD1
L13
ALE
A3
TRST
C12
VSS
E2
AD2
K12
BE0
H3
VCC
A6
VSS
E13
AD3
N14
BE1
J3
V
CC
A7
V
SS
F2
AD4
M13
BE2
L1
VCC
A8
VSS
F13
AD5
L12
BE3
L2
VCC
A9
VSS
G2
AD6
P14
BLAST
C3
V
CC
D1
V
SS
G13
AD7
N13
BSTAT
F3
VCC
D14
VSS
H2
AD8
M12
CLKIN
H14
VCC
E1
VSS
H13
AD9
M11
D/C
B2
V
CC
E14
V
SS
J2
AD10
N12
DEN
E3
VCC
F1
VSS
J13
AD11
P13
DT/R
D3
VCC
F14
VSS
K2
AD12
M10
FAIL
C6
V
CC
G1
V
SS
K13
AD13
P12
HOLD
C9
VCC
G14
VSS
N5
AD14
M9
HOLDA
C2
VCC
H1
VSS
N6
AD15
M8
LOCK/ONCE
C1
V
CC
J1
V
SS
N7
AD16
M7
NC
A4
VCC
J14
VSS
N8
AD17
M6
NC
A5
VCC
K1
VSS
N9
AD18
P4
NC
B5
V
CC
K14
V
SS
N10
AD19
P3
NC
B14
VCC
L14
VSS
N11
AD20
N4
NC
C7
VCC
P5
W/R
B1
AD21
M5
NC
C8
V
CC
P6
WIDTH/HLTD0
B3
AD22
P2
NC
C14
VCC
P7
WIDTH/HLTD1
A2
AD23
M4
NC
G12
VCC
P8
XINT0
C11
AD24
N3
NC
J12
V
CC
P9
XINT1
C10
AD25
P1
NC
M3
VCC
P10
XINT2
A13
AD26
N2
NMI
A10
VCC
P11
XINT3
B12
AD27
N1
RDYRCV
F12
V
CCPLL
H12
XINT4
B11
AD28
L3
RESET
E12
VSS
B6
XINT5
A12
AD29
M2
STEST
C13
VSS
B7
XINT6
B10
AD30
M1
TCK
B13
V
SS
B8
XINT7
A11
NOTE: Do not connect any external logic to pins marked NC (no connect pins).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com