Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1811 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM1811
Description  G3-PLC graphical user interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1811 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM1811 Datasheet HTML 9Page - STMicroelectronics UM1811 Datasheet HTML 10Page - STMicroelectronics UM1811 Datasheet HTML 11Page - STMicroelectronics UM1811 Datasheet HTML 12Page - STMicroelectronics UM1811 Datasheet HTML 13Page - STMicroelectronics UM1811 Datasheet HTML 14Page - STMicroelectronics UM1811 Datasheet HTML 15Page - STMicroelectronics UM1811 Datasheet HTML 16Page - STMicroelectronics UM1811 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
DocID026814 Rev 1
13/52
UM1811
G3LIB menu
52
4
G3LIB menu
4.1
G3LIB root menu
The G3LIB root menu allows to configure the G3-PLC library implementation and to get
access to features not specified by the G3 protocol.
Figure 7. G3LIB root panel
The G3LIB main menu contains two areas. The first one (1) comprises the commands
useful to configure the host interface application:
HI-MODE-SET.Request: this command sets the G3-PLC platform working mode.
HI-MODE-GET.Request: this command gets the operational mode of the host interface
application.
HI-STATE-GET.Request: this command performs a basic action to test the connection
with the board.
HI-HWRESET.Request: this command performs a system reset of the device.
The second area includes (2) all the commands related to the G3 library configuration. The
following commands are available:
G3LIB-TESTMODE.Request: this command enables or disables a specific test mode
used for G3-PLC library verification, which normally is not useful for the user.
G3LIB-GET.Request: this command is used to get the value of one attribute of the G3-
PLC ST library.
G3LIB-SET.Request: this command is used to set the value of one attribute of the G3-
PLC ST library.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com