Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1811 Datasheet(PDF) 38 Page - STMicroelectronics

Part # UM1811
Description  G3-PLC graphical user interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1811 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button UM1811 Datasheet HTML 34Page - STMicroelectronics UM1811 Datasheet HTML 35Page - STMicroelectronics UM1811 Datasheet HTML 36Page - STMicroelectronics UM1811 Datasheet HTML 37Page - STMicroelectronics UM1811 Datasheet HTML 38Page - STMicroelectronics UM1811 Datasheet HTML 39Page - STMicroelectronics UM1811 Datasheet HTML 40Page - STMicroelectronics UM1811 Datasheet HTML 41Page - STMicroelectronics UM1811 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
BER Test panel
UM1811
38/52
DocID026814 Rev 1
8
BER Test panel
The “Bit Error Rate” (BER) Test panel may be used to automate the evaluation of the bit
error rate.
8.1
Typical setup
The following diagram shows the typical environment to perform the BER Test.
Figure 24. BER Test setup
The BER may be checked in different conditions. Increasing or decreasing the level of
transmission attenuation and the level of injected noise results in a different BER value at
the receiver side. The nature of the interfering noise (AWGN, colored, single carrier, etc.)
may also impact the BER performance.
8.2
Test description
To be able to perform the BER Test, two G3-PLC platforms need be connected to the G3-
PLC GUI. Both boards need to be configured in the PHY operational mode as described in
Section 5 on page 17. The user needs to configure one G3-PLC platform in the TX mode
and the other one in the RX mode.
The user can then follow the steps described in Section 10.3 on page 43 in order to correctly
configure the nodes.
Once the nodes configuration is done, the user can open the Test panel, as explained in
Figure 25:
Click on the Plugin Settings icon in the menu bar (1)
Enable the TESTLAB panel (2)
The TESTLAB panel will appear at the right side of the tool.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com