Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1811 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM1811
Description  G3-PLC graphical user interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1811 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM1811 Datasheet HTML 29Page - STMicroelectronics UM1811 Datasheet HTML 30Page - STMicroelectronics UM1811 Datasheet HTML 31Page - STMicroelectronics UM1811 Datasheet HTML 32Page - STMicroelectronics UM1811 Datasheet HTML 33Page - STMicroelectronics UM1811 Datasheet HTML 34Page - STMicroelectronics UM1811 Datasheet HTML 35Page - STMicroelectronics UM1811 Datasheet HTML 36Page - STMicroelectronics UM1811 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
DocID026814 Rev 1
33/52
UM1811
ADP menu
52
7.3
ADPM LBP menu
The root menu offers the possibility to enter a payload and send it using the LoWPAN
bootstrap protocol (LBP), as shown in Figure 21.
These primitives are accessible only to PAN coordinator devices.
Figure 21. LoWPAN bootstrap protocol menu
From this panel, the following command may be executed:
ADPM-LBP.Request: this primitive allows the upper layer of a PAN coordinator device
to send an LBP message.
The following options are available in the panel:
Dst Address Mode: the destination address mode (BITS16: short, BITS64: extended
address)
DstAddr: the destination address
Payload type: select the hexadecimal or ASCII input mode for the NSDU
Payload content: a free text window to enter the NSDU to be sent (note that the data
has to be a valid LBP message)
Max Payload Size: a check box to configure the maximum size for the random option
Generate Random: an option to generate a random NSDU
NsduHandle: the handle associated with the NSDU to be transmitted
MaxHops: the maximum number of hops before that the LBP message is going to be
discarded
QoS: quality of the service for the NSDU (normal priority, high priority, contention free)
Discover Route option: if TRUE, a route discovery procedure will be performed prior
sending the ADP frame, as long as a route to the destination is not available in the
routing table. If FALSE, no route discovery is performed.
Confirm and indication messages are automatically generated as explained in Section 3.4
on page 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com