Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1811 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM1811
Description  G3-PLC graphical user interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1811 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM1811 Datasheet HTML 20Page - STMicroelectronics UM1811 Datasheet HTML 21Page - STMicroelectronics UM1811 Datasheet HTML 22Page - STMicroelectronics UM1811 Datasheet HTML 23Page - STMicroelectronics UM1811 Datasheet HTML 24Page - STMicroelectronics UM1811 Datasheet HTML 25Page - STMicroelectronics UM1811 Datasheet HTML 26Page - STMicroelectronics UM1811 Datasheet HTML 27Page - STMicroelectronics UM1811 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
MAC menu
UM1811
24/52
DocID026814 Rev 1
msduHandle: the handle associated with the MSDU to be transmitted
QoS: quality of service for the MSDU (normal priority, high priority, contention free)
Once the MCPS-DATA.Request command is executed, messages will be logged into the
trace window.
6.2
MLME control menu
The MAC sublayer management entity control menu offers the management layer
commands of the G3-PLC MAC layer, as shown in Figure 15.
Figure 15. MLME control menu
On the MLME_control panel, the following commands are available:
MLME-RESET.Request: resets the MAC layer
MLME-RESET.Confirm: forces generation of a confirm message (if automatic event is
disabled)
MLME-SCAN.Request: performs an active scan on the channel for the duration
entered by the user in the free text area
MLME-SCAN.Confirm: forces generation of a confirm message (if automatic event is
disabled)
MLME-BEACON-Notify.Indication: forces generation of an indication message
(if automatic event is disabled)
MLME-COMM-STATUS.Indication: forces generation of an indication message
(if automatic event is disabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com