Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1811 Datasheet(PDF) 45 Page - STMicroelectronics

Part # UM1811
Description  G3-PLC graphical user interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1811 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button UM1811 Datasheet HTML 41Page - STMicroelectronics UM1811 Datasheet HTML 42Page - STMicroelectronics UM1811 Datasheet HTML 43Page - STMicroelectronics UM1811 Datasheet HTML 44Page - STMicroelectronics UM1811 Datasheet HTML 45Page - STMicroelectronics UM1811 Datasheet HTML 46Page - STMicroelectronics UM1811 Datasheet HTML 47Page - STMicroelectronics UM1811 Datasheet HTML 48Page - STMicroelectronics UM1811 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
DocID026814 Rev 1
45/52
UM1811
Basic G3 operations
52
Any message in the trace window may be hovered over to see more details. The message
content may also be expanded in the trace window by clicking on the small cross on the left
side of the message (4).
Figure 34. Send PHY data from TX to RX
In the details of the PD_DATA.Indication message, the “Link Quality Indicator” and the
content of the payload received (either in hexadecimal or string format) can be found.
Note that the PHY layer could generate padding if the amount of data inserted doesn't reach
an acceptable length for the PHY block. This results in additional byte shown in the data
field of the PD-DATA.Indication message. Also note that there's a limit on the amount of data
that can be successfully sent, which is based on the modulation chosen. With the
modulation that allows the biggest amount of data to be sent, that limit is 239 bytes.
10.4
MAC layer data exchange
To be able to execute a MAC command, the Node 1 and 2 working modes need to be set to
the MAC mode, as explained in Section 6 on page 22.
Then, to be able to send data from one node to the other one, at least the powerline area
network ID and the short address must be configured for each device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com