Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1811 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM1811
Description  G3-PLC graphical user interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1811 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM1811 Datasheet HTML 14Page - STMicroelectronics UM1811 Datasheet HTML 15Page - STMicroelectronics UM1811 Datasheet HTML 16Page - STMicroelectronics UM1811 Datasheet HTML 17Page - STMicroelectronics UM1811 Datasheet HTML 18Page - STMicroelectronics UM1811 Datasheet HTML 19Page - STMicroelectronics UM1811 Datasheet HTML 20Page - STMicroelectronics UM1811 Datasheet HTML 21Page - STMicroelectronics UM1811 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
PHY menu
UM1811
18/52
DocID026814 Rev 1
5.1
PHY root menu
The root menu offers the possibility to enter a payload and send the frame in physical layer
mode, as represented Figure 10.
Figure 10. PHY root panel
On this panel, three main actions can be done:
PD_DATA.Request: command to send data at the PHY level
PD_DATA.Confirm: forces generation of a confirmation message (if automatic event is
disabled)
PD_DATA.Indication: forces generation of an indication message (if automatic event is
disabled)
Data shall be specified in the hexadecimal or ASCII format, selecting the proper button.
Note that, in case of the Hex format, if the payload is entered manually, the payload length
must be even (each character corresponds to 4 bits, allowed characters are “0 - 9" and
“A - F”).
A random payload may be generated clicking the “Generate Random” button. In this case, if
the Max Payload Size option is checked, the random payload has a fixed length as specified
in the text box, otherwise a random length is generated and used (length is always less or
equal to the specified maximum).
When the PD_DATA.Request command is executed, messages are logged into the trace
window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com